Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 290Page - Renesas Technology Corp 7721 Datasheet HTML 291Page - Renesas Technology Corp 7721 Datasheet HTML 292Page - Renesas Technology Corp 7721 Datasheet HTML 293Page - Renesas Technology Corp 7721 Datasheet HTML 294Page - Renesas Technology Corp 7721 Datasheet HTML 295Page - Renesas Technology Corp 7721 Datasheet HTML 296Page - Renesas Technology Corp 7721 Datasheet HTML 297Page - Renesas Technology Corp 7721 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 577 page
background image
7721 Group User’s Manual
13-15
DMA CONTROLLER
13.2 Block description
13.2.11 DMAi mode register H
Figure 13.2.7 shows the structure of DMAi mode register H. Bits 0 and 1 are used in 1-bus cycle transfer.
For details, refer to section “13.4.2 1-bus cycle transfer.” Bits 6 and 7 are the bits for selecting the
continuous transfer mode. For details, refer to section “13.5 Single transfer mode” through section “13.8
Link array chain transfer mode.”
(1)
Transfer source wait bit and Transfer destination wait bit (bits 4 and 5)
When each of these bits is set to “1,” 1-bus cycle in a DMA transfer consumes 3 cycles of
φ, and
when cleared to “0,” 2 cycles of
φ.
These bits are valid for the internal and external areas. In the DRAM area, however, 1-bus cycle
consumes 3 cycles of
φ regardless of the states of these bits. (Refer to “CHAPTER 14. DRAM
CONTROLLER.”)
The wait bit (bit 2 at address 5E16) is invalid in DMA transfer. However, Ready function is still valid
in DMA transfer.
Fig. 13.2.7 Structure of DMAi mode register H
Bit
Bit name
At reset
5
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
DMA0 mode register H (Address 1FCD16)
DMA1 mode register H (Address 1FDD16)
DMA2 mode register H (Address 1FED16)
DMA3 mode register H (Address 1FFD16)
Notes 1: Set bit 0 to “0” in 2-bus cycle transfer.
2: Bits 4 and 5 are valid to the external and internal areas. However, DRAM area is
always handled with “Wait” regardless of the contents of these bits.
The wait bit (bit 2 at address 5E16) is invalid in DMA transfer.
0
0
0 : From memory to I/O
1 : From I/O to memory
1
Refer to below.
2
0
3
0
4
0
6
0
7
RW
RW
0
Transfer direction select bit
(Used in 1-bus cycle transfer)(Note 1)
I/O connection select bit
(Valid in 1-bus cycle transfer)
Fix these bits to “0.”
Transfer source wait bit (Note 2)
Continuous transfer mode select
bits
0 0 : Single transfer
0 1 : Repeat transfer
1 0 : Array chain transfer
1 1 : Link array chain transfer
b7b6
RW
RW
RW
RW
0
0
RW
RW
0
Transfer destination wait bit
(Note 2)
0 : Wait
1 : No Wait
Setting for I/O connection select bit
Transfer method
1-bus cycle transfer
2-bus cycle transfer
External data bus width
8 bits
16 bits
I/O connection
D0–D7
D0–D15
(16-bit I/0 ! 1 or 8-bit I/O ! 2)
D0–D7
(8-bit I/O)
D8–D15
(8-bit I/O)
Setting for I/O connection select bit
It may be either “0” or “1.”
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com