Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 292Page - Renesas Technology Corp 7721 Datasheet HTML 293Page - Renesas Technology Corp 7721 Datasheet HTML 294Page - Renesas Technology Corp 7721 Datasheet HTML 295Page - Renesas Technology Corp 7721 Datasheet HTML 296Page - Renesas Technology Corp 7721 Datasheet HTML 297Page - Renesas Technology Corp 7721 Datasheet HTML 298Page - Renesas Technology Corp 7721 Datasheet HTML 299Page - Renesas Technology Corp 7721 Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 577 page
background image
7721 Group User’s Manual
13-17
DMA CONTROLLER
13.2 Block description
13.2.13 DMAi interrupt control register
Figure 13.2.9 shows the structure of the DMAi interrupt control register. For details about interrupts, refer
to “CHAPTER 7. INTERRUPTS.”
b7
b6
b5
b4
b3
b2
b1
b0
DMAi interrupt control register (i = 0 to 3) (Addresses 6C16 to 6F16)
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level
select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is assigned.
Low level
High level
Fig. 13.2.9 Structure of DMAi interrupt control register
(1)
Interrupt priority level select bits (bits 2 to 0)
These bits select a DMAi interrupt’s priority level. When using DMAi interrupts, select one of the
priority levels (1 to 7). When a DMAi interrupt request occurs, its priority level is compared with the
processor interrupt priority level (IPL). The requested interrupt is enabled only when its priority level
is higher than the IPL. (However, this applies when the interrupt disable flag (I) = “0.”)
To disable DMAi interrupts, set these bits to “0002” (level 0).
(2)
Interrupt request bit (bit 3)
This bit is set to “1” when a DMAi interrupt request occurs after the DMA transfer is complete. This
bit is automatically cleared to “0” when the DMAi interrupt request is accepted. This bit can be set
to “1” or cleared to “0” by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com