Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 300 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 300 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 296Page - Renesas Technology Corp 7721 Datasheet HTML 297Page - Renesas Technology Corp 7721 Datasheet HTML 298Page - Renesas Technology Corp 7721 Datasheet HTML 299Page - Renesas Technology Corp 7721 Datasheet HTML 300Page - Renesas Technology Corp 7721 Datasheet HTML 301Page - Renesas Technology Corp 7721 Datasheet HTML 302Page - Renesas Technology Corp 7721 Datasheet HTML 303Page - Renesas Technology Corp 7721 Datasheet HTML 304Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 577 page
background image
7721 Group User’s Manual
13-21
DMA CONTROLLER
13.3 Control
13.3.3 Channel priority levels
When the DMA enable bits of several channels are “1” and their DMA request bits are set to “1,” the
request of the channel with the highest priority is accepted first.
The fixed or rotating channel priority can be selected by the priority select bit (bit 0 at address 6816). The
priority levels themselves cannot be specified arbitrary.
The channel priority levels are determined after the DMA requests are determined.
(1)
Fixed priority
The fixed priority is selected when the priority select bit (bit 0 at address 6816) = “0.”
In the fixed priority, the channel priority levels are as follows:
channel 0 > channel 1 > channel 2 > channel 3.
(2)
Rotating priority
The rotating priority is selected when the priority select bit = “1.”
After reset, the priority levels are the same descending order as in the fixed priority:
channel 0 > channel 1 > channel 2 > channel 3.
Then, after every normal termination of a DMA transfer, the priority levels rotate in such a way that
the lowest priority is given to the channel having been performed.
When DMA transfer is forced into termination, the channel priority levels does not rotate.
Figure 13.3.1 shows an example of determining the channel priority levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com