Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 298Page - Renesas Technology Corp 7721 Datasheet HTML 299Page - Renesas Technology Corp 7721 Datasheet HTML 300Page - Renesas Technology Corp 7721 Datasheet HTML 301Page - Renesas Technology Corp 7721 Datasheet HTML 302Page - Renesas Technology Corp 7721 Datasheet HTML 303Page - Renesas Technology Corp 7721 Datasheet HTML 304Page - Renesas Technology Corp 7721 Datasheet HTML 305Page - Renesas Technology Corp 7721 Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 577 page
background image
7721 Group User’s Manual
13-23
DMA CONTROLLER
13.3 Control
13.3.4 Processing from DMA request until DMA transfer execution
DMA requests are sampled at every falling edge of
φ1; when requested, the DMAi request bit is set to “1.”
Then, the channel priority levels and bus use priority levels are determined, and BUS REQUEST (DMAC)
goes “1” if any DRAM refresh request or Hold request is not generated (Note).
BUS REQUEST (DMAC) signal is sampled while the bus request sampling signal is “1” and is accepted
(DMA request acceptance).
Figure 13.3.2 shows an example of timing from the determination of a DMA request until the DMA transfer
execution.
Refer to section “13.9 DMA transfer time” for the time from DMA request generation until the CPU’s
regaining the right to use bus via DMA transfer.
Note: In the following cases, BUS REQUEST (DMAC) does not go “1.” However, the DMAi request bit
remains set to “1.” Accordingly, after completion of each state, the channel priority levels and bus
use priority levels are determined, and BUS REQUEST (DMAC) goes “1” if any DRAM refresh
request or Hold request is not generated.
q When a DMA request is generated during a burst transfer or in an array state
(However, if a DRAM refresh request or Hold request is generated during this term, its BUS
REQUEST goes “1.”)
q When a DMA request is not accepted with a DRAM refresh request or Hold request generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com