Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 302Page - Renesas Technology Corp 7721 Datasheet HTML 303Page - Renesas Technology Corp 7721 Datasheet HTML 304Page - Renesas Technology Corp 7721 Datasheet HTML 305Page - Renesas Technology Corp 7721 Datasheet HTML 306Page - Renesas Technology Corp 7721 Datasheet HTML 307Page - Renesas Technology Corp 7721 Datasheet HTML 308Page - Renesas Technology Corp 7721 Datasheet HTML 309Page - Renesas Technology Corp 7721 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 577 page
background image
7721 Group User’s Manual
13-27
DMA CONTROLLER
13.3 Control
(2)
Forced termination
The methods of terminating DMAC other than normal termination are as follows:
___
___
• Drives the TC pin’s input level from “H” to “L” during a DMA transfer (when the TC pin is valid).
• Writes “0” to the DMAi enable bit.
Table 13.3.5 lists the states of DMAC at forced termination.
Table 13.3.5 States of DMAC at forced termination
Item
State
DMAi interrupt request bit
DMAi request bit
DMAi enable bit
___
TC
output
Channel priority levels
Not changed.
0
0
Not changed.
Not changed.
___
___
When the TC pin is used for forced termination, select “TC pin valid” (bit 1 at address 6816 = “1”).
___
Forced termination by the TC input is valid in the following cases:
• During a DMA transfer in the burst transfer mode (edge sense)
• During the term from the DMA transfer start until the transfer completion of an entire batch of
data in the burst transfer mode with the level sense selected. (It is also valid while the CPU has
the right to use bus).
___
• During a DMA transfer in the cycle-steal transfer mode (Forced termination by the TC input is
invalid while the CPU has the right to use bus.)
___
The TC pin’s input is determined at the falling edge of
φ1, and DMAC will relinquish the right to use
bus to the CPU upon completion of the 1-unit transfer under execution at that time.
_
At the forced termination by the DMAi enable bit, “0” is written to this bit at the rising edge of E of
a write cycle to the DMAi enable bit. Accordingly, DMAi is disabled after this write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com