Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 306Page - Renesas Technology Corp 7721 Datasheet HTML 307Page - Renesas Technology Corp 7721 Datasheet HTML 308Page - Renesas Technology Corp 7721 Datasheet HTML 309Page - Renesas Technology Corp 7721 Datasheet HTML 310Page - Renesas Technology Corp 7721 Datasheet HTML 311Page - Renesas Technology Corp 7721 Datasheet HTML 312Page - Renesas Technology Corp 7721 Datasheet HTML 313Page - Renesas Technology Corp 7721 Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 577 page
background image
DMA CONTROLLER
7721 Group User’s Manual
13-31
13.4 Operation
Incrementer/
Decrementer
(1) Read cycle
SARi
SARi latch
DARi
DARi latch
TCRi
TCRi latch
DMA latch
Decrementer
DMAC
Memory
(Transfer
source)
Transfer source address is specified by SARi
(Note).
Contents of TCRi are updated by decrementer
(Note)
; when value read from TCRi is “0,” transfer
of 1 data block is terminated.
Contents of SARi are updated by incrementer/
decrementer.
Data is read from memory and maintained in DMA
latch.
DMAC
V When the transfer unit is 16 bits
• When an even address is accessed with 16-bit external data bus width, data can be read or written at 1-bus
cycle. Accordingly, the incrementer/decrementer and the decrementer increment or decrement by 2, and
sequences
through
are performed once.
• When an odd address is accessed with 16-bit external data bus width or when 8 bits is used as external data
bus width, data is read or written at 2-bus cycles, and sequences
through
or
through
are repeated
twice. The incrementer/decrementer and the decrementer increment or decrement by 1 every time sequences
through
or
through
are performed once.
Note: In the single transfer mode and repeat transfer mode, only at the first transfer of the block, the values read
from SARi latch, DARi latch, and TCRi latch are used. (The results obtained by increment or decrement are
written to SARi, DARi, and TCRi. Except for the first transfer of the block, the values read from SARi, DARi,
and TCRi are used.)
(Transfer
destination)
(2) Write cycle
Memory
SARi
SARi latch
DARi
DARi latch
TCRi
TCRi latch
DMA latch
Incrementer/
Decrementer
Decrementer
(Transfer
source)
(Transfer
destination)
Transfer destination address is specified by DARi
(Note).
Contents of DARi are updated by incrementer/
decrementer.
Contents of DMA latch are written to memory.
(1)
Register operation in 2-bus cycle transfer
Figure 13.4.2 shows a basic operation of registers for 1-unit transfer in 2-bus cycle transfer.
For register values to be specified, refer to section “13.5 Single transfer mode” through
section “13.8 Link array chain transfer mode.” It is because that these values vary according
to continuous transfer modes.
In 2-bus cycle transfer, the data read at a read cycle is maintained temporarily in the DMA
latch, and the contents of this latch are written to a memory at a write cycle.
Fig. 13.4.2 Basic operation of registers for 1-unit transfer in 2-bus cycle transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com