Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 335Page - Renesas Technology Corp 7733 Datasheet HTML 336Page - Renesas Technology Corp 7733 Datasheet HTML 337Page - Renesas Technology Corp 7733 Datasheet HTML 338Page - Renesas Technology Corp 7733 Datasheet HTML 339Page - Renesas Technology Corp 7733 Datasheet HTML 340Page - Renesas Technology Corp 7733 Datasheet HTML 341Page - Renesas Technology Corp 7733 Datasheet HTML 342Page - Renesas Technology Corp 7733 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 940 page
background image
represents that bits 3 to 6 are not used for access control of the external area.
CONNECTING EXTERNAL DEVICES
7733 Group User’s Manual
12–14
b2
b3
b4
b5
b6
b7
b1
Processor mode register 1 (address 5F 16)
b0
Bit
Bit name
Function
At reset
0
7 to1
Wait selection bit
0 : Wait 0
1 : Wait 1
0
Not implemented.
Un-
defined
RW
RW
_
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits
Wait bit
Software reset bit
Interrupt priority detection
time selection bits
Must be fixed to “0.”
Clock
φ1 output selection bit
(Note 2)
0
0
0
0
0
0
00: Single-chip mode
01: Memory expansion mode
10: Microprocessor mode
11: Do not select.
0: Software wait is inserted when
accessing external area.
1: No software wait is inserted
when accessing external area.
Microcomputer is reset by
setting this bit to “1.”
This bit is “0” at reading.
00: 7 cycles of
φ
01: 4 cycles of
φ
10: 2 cycles of
φ
11: Do not select.
0: Clock
φ1 output is disabled.
(P4 2 functions as a
programmable /O port.)
1: Clock
φ1 output is enabled.
(Port P42 functions as a clock
φ1
output pin.)
0
0
b1 b0
b5 b4
Processor mode register 0 (address 5E 16)
(Note 1)
Notes 1: When the Vcc-level voltage is applied to pin CNVss, this bit is set to “1” after reset.
(At reading, this bit is always “1.”)
This bit is ignored in the microprocessor mode. (It may be “0” or “1.”)
3:
(Functions of these bits are valid.)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
WO
RW
RW
RW
RW
Fig. 12.2.1 Structures of processor mode register 0 and processor mode register 1
12.2 Software wait
2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com