Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 26Page - Renesas Technology Corp 7733 Datasheet HTML 27Page - Renesas Technology Corp 7733 Datasheet HTML 28Page - Renesas Technology Corp 7733 Datasheet HTML 29Page - Renesas Technology Corp 7733 Datasheet HTML 30Page - Renesas Technology Corp 7733 Datasheet HTML 31Page - Renesas Technology Corp 7733 Datasheet HTML 32Page - Renesas Technology Corp 7733 Datasheet HTML 33Page - Renesas Technology Corp 7733 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 940 page
background image
OVERVIEW
7733 Group User’s Manual
1-3
ROM
RAM
Ports P0–P2, P4–P8
Port P3
Timers A0–A4
Timers B0–B2
UART0–UART2
Main-clock oscillation
circuit
Sub-clock oscillation
circuit
Input/Output withstand
voltage
Output current
Items
Number of basic instructions
The minimum instruction execution time
Main-clock frequency f(XIN)
Sub-clock frequency f(XCIN)
Memory size
Programmable I/O ports
Multifunction timers
Serial I/O
A-D converter
Watchdog timer
Interrupts
Clock generating circuits
Power source voltage
Power consumption in single-chip mode
Port input/output
characteristics
Memory expansion
Operating temperature range
Device structure
Package
1.1 Performance overview
Table 1.1.1 lists the M37733MHBXXXFP’s performance overview.
Table 1.1.1 M37733MHBXXXFP’s performance overview
Performance
103
160 ns
(When f(XIN) = 25 MHz and the main clock is the system clock)
25 MHz (Max.) (Note 3)
32.768 kHz (Typ.)
124 Kbytes
3968 bytes
8 bits ! 8
4 bits ! 1
16 bits ! 5
16 bits ! 3
(UART or clock synchronous serial I/O) ! 3
(10-bit successive approximation method) ! 1 (8 channels)
12 bits ! 1
3 external, 16 internal (By software, one of interrupt priority
levels 0 to 7 can be set for each interrupt)
Built-in (externally connected to a ceramic resonator or a
quartz-crystal oscillator.)
Built-in (externally connected to a quartz-crystal oscillator)
5 V
± 10% (When the main clock is the system clock)
2.7 V to 5.5 V (When the sub clock is the system clock)
47.5 mW (When f(XIN) = 25 MHz, VCC = 5 V, and the
main clock is the system clock, Typ.)
250
µW (When f(XCIN) = 32 kHz, VCC = 5 V, the sub clock
is the system clock, and the main clock is stopped, Typ.)
5 V
5 mA
Possible (Maximum of 16 Mbytes)
–20
°C to +85 °C
High-performance CMOS silicon gate process
80-pin plastic molded QFP
Notes 1: All of the 7733 Group microcomputers are the same except for package type, memory type,
memory size, and electrical characteristics.
2: For the low voltage version, refer to chapter “18. LOW VOLTAGE VERSION.”
3: When the main clock division selection bit = “1,” the maximum value of f(XIN) = 12.5 MHz.
1.1 Performance overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com