Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 95Page - Renesas Technology Corp 7733 Datasheet HTML 96Page - Renesas Technology Corp 7733 Datasheet HTML 97Page - Renesas Technology Corp 7733 Datasheet HTML 98Page - Renesas Technology Corp 7733 Datasheet HTML 99Page - Renesas Technology Corp 7733 Datasheet HTML 100Page - Renesas Technology Corp 7733 Datasheet HTML 101Page - Renesas Technology Corp 7733 Datasheet HTML 102Page - Renesas Technology Corp 7733 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 940 page
background image
7733 Group User's Manual
INTERRUPTS
4–20
____
4.10 External interrupts (INTi interrupt)
Fig. 4.10.1 Correspondence between port P6 direction register and input pins for external
interrupts
____
____
Fig. 4.10.2 INT0 to INT2 interrupt control register’s structure
Bit
7
Pin TB2IN
6
Pin TB1IN
5
Pin TB0IN
4
Pin INT2/Key input
3
Pin INT1
2
Pin INT0
1
Pin TA4IN
0
Pin TA4OUT
At reset
0
0
0
0
0
0
0
0
RW
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Port P6 direction register (address 10 16)
0 : Input mode
1 : Output mode
When using a pin as an input pin
for an external interrupt, clear the
corresponding bit to “0.”
represents that bits 0, 1 and bits 5 to 7 are not used for external interrupts.
RW
RW
RW
RW
RW
RW
RW
Corresponding pin’s name
INT0
, INT1, and INT2/Key input interrupt control registers (addresses 7D16 to 7F16)
b2b1b0
0 0 0: Level 0 (Interrupt is disabled.)
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
RW
0
0: Interrupt request bit is set to “1” at “H”
level when level sense is selected;
this bit is set to “1” at falling edge
when edge sense is selected.
1: Interrupt request bit is set to “1” at “L”
level when level sense is selected;
this bit is set to “1” at rising edge
when level sense is selected.
b7 b6 b5 b4 b3 b2 b1 b0
Bit
Bit name
Functions
RW
0
2
3
1
RW
0
RW
0
Interrupt priority level
selection bits
Interrupt request bit (Note)
0: No interrupt request has occurred.
1: Interrupt request has occurred.
0
RW
4
5
polarity selection bit
Level sense/Edge sense
selection bit
0: Edge sense
1: Level sense
RW
0
0
At reset
6
7
Un-
defined
Not implemented.
—
Note: The interrupt request bits of INT0 to INT2/Key input interrupts are ignored when the level sense is selected.
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com