Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 25Page - Renesas Technology Corp 7733 Datasheet HTML 26Page - Renesas Technology Corp 7733 Datasheet HTML 27Page - Renesas Technology Corp 7733 Datasheet HTML 28Page - Renesas Technology Corp 7733 Datasheet HTML 29Page - Renesas Technology Corp 7733 Datasheet HTML 30Page - Renesas Technology Corp 7733 Datasheet HTML 31Page - Renesas Technology Corp 7733 Datasheet HTML 32Page - Renesas Technology Corp 7733 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 940 page
background image
OVERVIEW
1-2
7733 Group User’s Manual
The 7733 Group is a 16-bit single-chip microcomputer designed with high-performance CMOS silicon gate
technology. It is housed in an 80-pin plastic molded flat package.
This single-chip microcomputer has a large 16-Mbyte accessible space, three instruction queue buffers, and
two data buffers for high-speed instruction execution. The CPU is a 16-bit parallel processor that can also
be switched to perform 8-bit parallel processing. This microcomputer is suitable for communication and
office equipment controllers.
g About details concerning each microcomputer’s development state of the 7733 Group, inquire “CONTACT
ADDRESSES FOR FURTHER INFORMATION” described last.
g Functional codes of the 7733 Group are described below.
M 3 77 33 M H B XXX
FP
Represents Mitsubishi integrated prefix
Represents uses and operating temperature range
Represents circuit type and family name
Represents group name
2-digit numerals (Running number)
Represents memory type
M:Mask ROM
E:EPROM
S:External ROM
Represents memory size
1-digit alphanumeric
Represents electrical characteristics
Represents ROM’s contents
3-digit numerals
Package type
FP: Molded plastic flat package
GP: Molded plastic flat package
HP: Molded fine-pitch plastic flat package
SP: Molded plastic SDIP
FS: Ceramic flat package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com