Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 91Page - Renesas Technology Corp 7733 Datasheet HTML 92Page - Renesas Technology Corp 7733 Datasheet HTML 93Page - Renesas Technology Corp 7733 Datasheet HTML 94Page - Renesas Technology Corp 7733 Datasheet HTML 95Page - Renesas Technology Corp 7733 Datasheet HTML 96Page - Renesas Technology Corp 7733 Datasheet HTML 97Page - Renesas Technology Corp 7733 Datasheet HTML 98Page - Renesas Technology Corp 7733 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 940 page
background image
7733 Group User's Manual
INTERRUPTS
4–16
Pushed in 3 times
ŽPushes 16 bits at a time.
Œ
Pushes 16 bits at a time.
(1) When stack pointer (S)’s contents is even
Processor status register’s low-order byte (PS L )
Processor status register’s high-order byte (PS H )
Program counter’s low-order byte (PC L )
Program counter’s high-order byte (PC H )
Program bank register (PG)
Address
S–4 (even)
S–3 (odd)
S–2 (even)
S–1 (odd)
S (even)
Order for push
S–5 (odd)
Processor status register’s low-order byte (PS L )
Processor status register’s high-order byte (PS H )
Program counter’s low-order byte (PC L)
Program counter’s high-order byte (PC H )
Program bank register (PG)
Address
S–4 (odd)
S–3 (even)
S–2 (odd)
S–1 (even)
S (odd)
Ž
Œ



(2) Stack Pointer (S)’s contents is odd
Pushes by the 8 bits.
Order for push
Pushed in 5 times
S–5 (even)
g “S” is the initial address that the stack pointer (S) indicates when an interrupt request is accepted.
S’s contents is “S–5” after the above registers are pushed.
4.7.2 How to push registers
The way to push registers depends on whether the stack pointer (S)’s contents at interrupt request acceptance
is even or odd.
When the stack pointer (S)’s contents is even, each of the program counter (PC)’s contents and processor
status register (PS)’s contents is simultaneously pushed by the 16 bits. When the stack pointer (S)’s
contents is odd, each of these registers is pushed by the 8 bits. Figure 4.7.3 shows how the registers are
pushed.
In the INTACK sequence, only the contents of the program bank register (PG), program counter (PC), and
processor status register (PS) are pushed onto the stack area. Make sure to push other necessary registers
by software at the beginning of an interrupt routine.
By executing the PSH instruction, all CPU registers other than the stack pointer can be pushed.
4.7 How interrupts are processed
Fig. 4.7.3. How registers are pushed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com