Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 78Page - Renesas Technology Corp 7733 Datasheet HTML 79Page - Renesas Technology Corp 7733 Datasheet HTML 80Page - Renesas Technology Corp 7733 Datasheet HTML 81Page - Renesas Technology Corp 7733 Datasheet HTML 82Page - Renesas Technology Corp 7733 Datasheet HTML 83Page - Renesas Technology Corp 7733 Datasheet HTML 84Page - Renesas Technology Corp 7733 Datasheet HTML 85Page - Renesas Technology Corp 7733 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 940 page
background image
7733 Group User's Manual
4–3
INTERRUPTS
g [S] is the initial address that the stack pointer (S) indicates when
an interrupt request is accepted.
S’s contents is “[S] – 5” after all of the above registers are pushed.
Address
[S] – 4
[S] – 3
[S] – 2
[S] – 1
[S]
Processor status register’s low-order byte (PS L)
Stack area
[S] – 5
Processor status register’s high-order byte (PS H)
Program counter’s low-order byte (PC L)
Program counter’s high-order byte (PC H)
Program bank register (PG)
When an interrupt request is accepted, the following registers’ contents immediately before acceptance of
an interrupt request are automatically pushed onto the stack area Œ, , and Ž in that order:
Œ Program bank register (PG)
 Program counter (PCL, PCH)
Ž Processor status register (PSL, PSH)
Figure 4.1.2 shows the state of the stack area immediately before the program branches to an interrupt
routine.
At the end of the interrupt routine, execute the RTI instruction, which is an instruction for returning to the
routine that was executed before acceptance of an interrupt request. By executing the RTI instruction, the
above registers’ contents, which were pushed onto the stack area, are popped Ž, , and Œ in that order.
Then, execution of the suspended routine is resumed from where it left off.
When an interrupt request is accepted and the RTI instruction is executed, above registers (Œ to Ž) are
automatically pushed and popped. For other registers whose contents are necessary, be sure to push and
pop them by software.
4.1 Overview
Fig. 4.1.2 State of stack area immediately before program branches to interrupt routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com