Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 43Page - Renesas Technology Corp 7733 Datasheet HTML 44Page - Renesas Technology Corp 7733 Datasheet HTML 45Page - Renesas Technology Corp 7733 Datasheet HTML 46Page - Renesas Technology Corp 7733 Datasheet HTML 47Page - Renesas Technology Corp 7733 Datasheet HTML 48Page - Renesas Technology Corp 7733 Datasheet HTML 49Page - Renesas Technology Corp 7733 Datasheet HTML 50Page - Renesas Technology Corp 7733 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2.1 Central processing unit
2–8
2.1.9 Processor status register (PS)
The processor status register consists of 11 bits.
Figure 2.1.5 shows the structure of the processor status register.
b15
b8
b7
b0
b1
b2
b3
b4
b5
b6
b14
b9
b10
b11
b12
b13
Processor status register (PS)
0N
C
Z
I
D
x
m
V
0
IPL
0
0
0
Note: “0” is always read from bits 11 to 15.
Fig. 2.1.5 Structure of processor status register
(1) Bit 0: Carry flag (C)
This flag retains a carry or borrow which occur in the Arithmetic Logic unit (ALU) during an arithmetic
or logic operation. This flag is also affected by a shift or rotate instruction. When the BCC or BCS
instruction is executed, the program branches according to this flag’s state. When setting this flag to
“1,” execute the SEC or SEP instruction; when clearing this flag to “0,” execute the CLC or CLP
instruction.
(2) Bit 1: Zero flag (Z)
This flag is set to “1” when the result of an arithmetic operation or data transfer is “0” and cleared to
“0” when otherwise. When the BNE or BEQ instruction is executed, the program branches according
to this flag’s state. This flag is ignored for an addition and subtraction instructions (the ADC and the
SBC instructions) in the decimal mode. When setting this flag to “1,” execute the SEP instruction;
when clearing this flag to “0,” execute the CLP instruction.
(3) Bit 2: Interrupt disable flag (I)
This flag disables all maskable interrupts, in other words interrupts other than watchdog timer, the
BRK instruction, and zero division interrupts. Interrupts are disabled when this flag is “1.” When an
interrupt request is accepted, this flag is automatically set to “1” and disables multiple interrupts. When
setting this flag to “1,” execute the SEI or SEP instruction; when clearing this flag to “0,” execute the
CLI or CLP instruction.
At reset, this flag is set to “1.”
(4) Bit 3: Decimal mode flag (D)
This flag determines whether addition and subtraction are performed in binary or decimal.
Binary arithmetic is performed when this flag is “0.”
When it is “1,” decimal arithmetic is performed. At this time, each word is processed as 2- or 4-digit
decimal data. (The digit’s number is determined by the data length flag (m)).
Decimal adjust is automatically performed. (Note that a decimal operation is enabled only in execution
of the ADC or SBC instruction.)
When setting this flag to “1,” execute the SEP instruction; when clearing this flag to “0,” execute the
CLP instruction.
At reset, this flag is cleared to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com