Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 72Page - Renesas Technology Corp 7733 Datasheet HTML 73Page - Renesas Technology Corp 7733 Datasheet HTML 74Page - Renesas Technology Corp 7733 Datasheet HTML 75Page - Renesas Technology Corp 7733 Datasheet HTML 76Page - Renesas Technology Corp 7733 Datasheet HTML 77Page - Renesas Technology Corp 7733 Datasheet HTML 78Page - Renesas Technology Corp 7733 Datasheet HTML 79Page - Renesas Technology Corp 7733 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 940 page
background image
7733 Group User’s Manual
3–7
PROGRAMMABLE I/O PORTS
Fig. 3.2.2 Port peripheral circuits (2)
3.2 Port peripheral circuits
• E
• Ports P73/AN3/CLK2, P80/CTS0/RTS0/CLKS1, P81/CLK0, P84/CTS1/RTS1, P85/CLK1
Data bus
Output
“1”
(Note 2)
Analog input
• Ports P70/AN0, P71/AN1, P76/AN6/XCOUT, P77/AN7/XCIN (Inside dotted-line not included)
Ports P72/AN2/CTS2, P74/AN4/RxD2 (Inside dotted-line included)
Analog input
(Note 1)
Sub-clock oscillation circuit
Note 1: The sub-clock oscillation circuit is
present only in ports P76 and P77
Note 2: Analog input is present only in port P73
“0”
Data bus
Port latch
Port direction register
Port latch
Port direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com