Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 64Page - Renesas Technology Corp 7733 Datasheet HTML 65Page - Renesas Technology Corp 7733 Datasheet HTML 66Page - Renesas Technology Corp 7733 Datasheet HTML 67Page - Renesas Technology Corp 7733 Datasheet HTML 68Page - Renesas Technology Corp 7733 Datasheet HTML 69Page - Renesas Technology Corp 7733 Datasheet HTML 70Page - Renesas Technology Corp 7733 Datasheet HTML 71Page - Renesas Technology Corp 7733 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 940 page
background image
represents that bits 2 to 7 are not used for selecting a processor mode.
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–29
Table 2.5.2 Method of selecting processor mode
2.5 Processor modes
Processor mode
Single-chip mode
Memory expansion mode
Microprocessor mode
Pin CNVSS’s level
VSS (0 V) (Note 1)
VSS (0 V) (Note 1)
VSS (0 V) (Note 1)
VCC (5 V) (Note 2)
Processor mode bits
b1
0
0
1
b0
0
1
0
Notes 1: The microcomputer starts operating in the single-chip mode after reset. By setting the processor
mode bits, the processor mode of the microcomputer can be switched from the single-chip mode
to the other modes.
2: The microcomputer starts operating in the microprocessor mode after reset. The microcomputer
cannot operate in the other modes. Accordingly, so fix the processor mode bits (bits 1 and 0 at
address 5E16) to “102.”
Fig. 2.5.4 Structure of processor mode register 0
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits
Wait bit
Software reset bit
Must be fixed to “0.”
Clock
f 1 output selection bit
(Note 2)
0
0
0
0
0
0
0 0: Single-chip mode
0 1: Memory expansion mode
1 0: Microprocessor mode
1 1: Do not select.
0: Software wait is inserted when
accessing external area.
1: No software wait is inserted
when accessing external area.
Microcomputer is reset by
setting this bit to “1.”
This bit is “0” at reading.
0 0: 7 cycles of
f
0 1: 4 cycles of
f
1 0: 2 cycles of
f
1 1: Do not select.
0: Clock
f 1 output is disabled.
(P42 functions as a
1: Clock
f 1 output is enabled.
2
functions as a clock
f 1 output pin.)
0
0
b1 b0
b5 b4
Processor mode register 0 (address 5E16)
(Note 1)
Notes 1: When the Vcc-level voltage is applied to pin CNVss, this bit is set to “1” after reset.
(When read, this bit is always “0.”)
2: This bit is ignored in the microprocessor mode. (It may be “0” or “1.”)
3:
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
RW
WO
RW
RW
RW
RW
Interrupt priority detection
time selection bits
(Port P42
programmable I/O port.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com