Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 38Page - Renesas Technology Corp 7733 Datasheet HTML 39Page - Renesas Technology Corp 7733 Datasheet HTML 40Page - Renesas Technology Corp 7733 Datasheet HTML 41Page - Renesas Technology Corp 7733 Datasheet HTML 42Page - Renesas Technology Corp 7733 Datasheet HTML 43Page - Renesas Technology Corp 7733 Datasheet HTML 44Page - Renesas Technology Corp 7733 Datasheet HTML 45Page - Renesas Technology Corp 7733 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–3
2.1.1 Accumulator (Acc)
Accumulators A and B are available.
(1) Accumulator A (A)
Data processing such as calculation, data transfer, or data input/output is executed mainly through
accumulator A. It consists of 16 bits and its low-order 8 bits can also be used separately. The data
length flag (m), which is a part of the processor status register, specifies whether accumulator A is
used as a 16-bit register or an 8-bit register. When the data length is 8 bits wide, only the low-order
8 bits of accumulator A are used and the contents of the high-order 8 bits is unchanged.
(2) Accumulator B (B)
Accumulator B has the same function as accumulator A and can be used instead of accumulator A.
Note that, except for some instructions, the use of accumulator B requires more instruction bytes and
execution cycles than that of accumulator A. Accumulator B consists of 16 bits and is also affected
by the data length flag (m) just as for accumulator A.
2.1.2 Index register X (X)
Index register X consists of 16 bits and its low-order 8 bits can also be used separately. The index register
length flag (x), which is a part of the processor status register, specifies whether index register X is used
as a 16-bit register or an 8-bit register. When the index register length is 8 bits wide, only the low-order
8 bits of index register X are used and the contents of the high-order 8 bits is unchanged.
In an addressing mode where index register X is used as an index register, the address obtained by adding
the contents of index register X to the operand is accessed. In execution of a block transfer instruction
(MVP or MVN), the contents of index register X is the low-order 16 bits of the source address and the third
byte of the instruction is the high-order 8 bits of the address.
g Refer to “7700 Family Software Manual” for addressing modes.
2.1.3 Index register Y (Y)
Index register Y has the same function as index register X. Index register Y consists of 16 bits and is also
affected by the index register length flag (x) just as for index register X.
In execution of a block transfer instruction (MVP or MVN), the contents of index register Y is the low-order
16 bits of the destination address and the second byte of the instruction is the high-order 8 bits of the
address.
2.1 Central processing unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com