Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 89Page - Renesas Technology Corp 7733 Datasheet HTML 90Page - Renesas Technology Corp 7733 Datasheet HTML 91Page - Renesas Technology Corp 7733 Datasheet HTML 92Page - Renesas Technology Corp 7733 Datasheet HTML 93Page - Renesas Technology Corp 7733 Datasheet HTML 94Page - Renesas Technology Corp 7733 Datasheet HTML 95Page - Renesas Technology Corp 7733 Datasheet HTML 96Page - Renesas Technology Corp 7733 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 940 page
background image
7733 Group User's Manual
INTERRUPTS
4–14
@
@ : Interrupt priority level detection time
Interrupt request is generated.
Interrupt request is accepted.
Instruction
1
Instruction
2
INTACK sequence
Instructions in interrupt routine
Interrupt response time
Time
@
Œ Time from when an interrupt request occurs until the instruction execution which is in
progress at that time is completed.
 Time from when execution of an instruction next to Œ begins (Note) until the instruction
execution which is in progress at completion of interrupt priority level detection.
Note : At this time, detection of interrupt priority level begins.
Ž Time required to execute the INTACK sequence (13 cycles of
at the shortest)
Œ

Ž
4.7 How interrupts are processed (from acceptance of interrupt request
until execution of interrupt routine)
How interrupts are processed from accepting of an interrupt request until execution of the interrupt routine
is described below.
When an interrupt request is accepted, the interrupt request bit which corresponds to the accepted interrupt
is cleared to “0.” And then, execution of an interrupt routine begins at the cycle immediately after the
instruction execution which was in progress at acceptance of the interrupt request is completed. Figure 4.7.1
shows how interrupts are processed from acceptance of an interrupt request until execution of the interrupt
routine. When the instruction execution which was in progress at acceptance of the interrupt request is
completed, the INTACK (Interrupt acknowledge) sequence is executed and the program branches to the
start address of the interrupt routine allocated in addresses 016 to FFFF16. In the INTACK sequence, the
following procedure is automatically performed in this order.
ŒThe contents of the program bank register (PG) immediately before the INTACK sequence is pushed onto
the stack.
The contents of the program counter (PC) immediately before the INTACK sequence is pushed onto the
stack.
ŽThe contents of the processor status register (PS) immediately before the INTACK sequence is pushed
onto the stack.
The interrupt disable flag (I) is set to “1.”
The interrupt priority level of the accepted interrupt is set to IPL.
‘The contents of the program bank register (PG) is cleared to “0016” and the contents of the interrupt vector
address is set into the program counter (PC).
The INTACK sequence requires at least 13 cycles of
φ. Figure 4.7.2 shows the INTACK sequence’s timing.
After the INTACK sequence is completed, the instruction execution begins at the start address of an
interrupt routine.
4.7 How interrupts are processed
Fig. 4.7.1 How interrupts are processed from acceptance of interrupt request until execution of
interrupt routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com