Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 63Page - Renesas Technology Corp 7733 Datasheet HTML 64Page - Renesas Technology Corp 7733 Datasheet HTML 65Page - Renesas Technology Corp 7733 Datasheet HTML 66Page - Renesas Technology Corp 7733 Datasheet HTML 67Page - Renesas Technology Corp 7733 Datasheet HTML 68Page - Renesas Technology Corp 7733 Datasheet HTML 69Page - Renesas Technology Corp 7733 Datasheet HTML 70Page - Renesas Technology Corp 7733 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–28
2.5.3 Selection of processor mode
A processor mode can be selected by setting a voltage applied to pin CNVSS and the processor mode bits
(bits 1 and 0 at address 5E16).
q When VSS level is applied to pin CNVSS
After reset, the microcomputer starts operating in the single-chip mode. After the microcomputer starts
operating, the processor mode can be switched by the processor mode bits. When the contents of the
processor mode bits = “012,” the memory expansion mode is selected; when the contents of these bits
= “102,” the microprocessor mode is selected. After the processor mode bits are set, the processor
_
mode is actually switched at the rising edge of signal E. Figure 2.5.3 shows the pin function switch
timing when the processor mode is switched from the single-chip mode to the memory expansion or
microprocessor mode by setting the processor mode bits. Note that, when the processor mode is
switched during the program execution, the contents of the instruction queue buffer is not initialized.
(Refer to section “Appendix 9. Q & A.”)
q When VCC level is applied to pin CNVSS
After reset, the microcomputer starts operating in the microprocessor mode. In this case, the microcomputer
cannot operate in the other modes. (Fix the processor mode bits to “102.”)
Table 2.5.2 lists the method of selecting the processor mode. Figure 2.5.4 shows the structure of the
processor mode register 0.
P07
E
External address bus A7
Writing to the processor mode bits
Programmable I/O port P07
Note: Functions of pins P00 to P06, P1 to P3, P40 to P42 are switched at the timing shown above.
Function of pin P42 is, however, switched only when the processor mode is switched to
microprocessor mode.
Fig. 2.5.3 Pin function switch timing
2.5 Processor modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com