Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 62Page - Renesas Technology Corp 7733 Datasheet HTML 63Page - Renesas Technology Corp 7733 Datasheet HTML 64Page - Renesas Technology Corp 7733 Datasheet HTML 65Page - Renesas Technology Corp 7733 Datasheet HTML 66Page - Renesas Technology Corp 7733 Datasheet HTML 67Page - Renesas Technology Corp 7733 Datasheet HTML 68Page - Renesas Technology Corp 7733 Datasheet HTML 69Page - Renesas Technology Corp 7733 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 940 page
background image
In the memory expansion mode, this pin functions as a programmable I/O port. Furthermore, it can be switched to be a clock
The above table indicates the change of pin functions owing to the switching of the processor mode.
For each signal’s I/O timing in the memory expantion or microprocessor mode, refer to chapters
“12. CONNECTING EXTERNAL DEVICES.”
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–27
Table 2.5.1 Relationship between processor modes and functions of P0 to P4
P31
P32
P30
P33
P47 to P43
P41
P42
P40
P0
P1
HLDA
A15 to A8
D(odd)
P3
P2
P4
A7 to A0
A15 to A8
D(odd): Data at odd address
A23 to A16
D(even)
D(even): Data at even address
A23 to A16
D
D: Data
ALE
P
RDY
HOLD
f 1
(Note 2)
BHE
R/W
P
P
P
P
P
Notes 1: Pin P42 can also function as a clock f 1 output pin. (Refer to chapter “12. CONNECTING EXTERNAL DEVICES.”)
f 1
output pin when selected by software. In the microprocessor mode, this pin is affected by the signal output disable selection bit
(bit 6 at address 6C16 ). (Refer to chapter
)
3:
“12. CONNECTING EXTERNAL
DEVICES”and “15. ELECTRICAL CHARACTERISTICS.”
Pin name
Single-chip mode
Memory expansion and
Microprocessor modes
Processor mode
s When external data bus is 16 bits wide (BYTE = “L”)
s When external data bus is 8 bits wide (BYTE = “H”)
s When external data bus is 16 bits wide (BYTE = “L”)
s When external data bus is 8 bits wide (BYTE = “H”)
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable
I/O port.
P: Functions as a programmable I/O port.
(Note 1)
2.5 Processor modes
2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com