Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 3Page - Renesas Technology Corp 7733 Datasheet HTML 4Page - Renesas Technology Corp 7733 Datasheet HTML 5Page - Renesas Technology Corp 7733 Datasheet HTML 6Page - Renesas Technology Corp 7733 Datasheet HTML 7Page - Renesas Technology Corp 7733 Datasheet HTML 8Page - Renesas Technology Corp 7733 Datasheet HTML 9Page - Renesas Technology Corp 7733 Datasheet HTML 10Page - Renesas Technology Corp 7733 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 940 page
background image
III
BEFORE USING THIS MANUAL
3. REGISTER STRUCTURE
Below is the structure diagram for all registers.
0
1
0
XXX register (address XX 16)
b1
b0
b2
b3
b4
b5
b6
b7
0
V1
V2
V3
2
3
... select bit
0 : ...
1 : ...
... select bit
0 : ...
1 : ...
The value is “0” at reading.
0 : ...
1 : ...
Fix this bit to “0.”
4
7 to 5 Not implemented.
!
RW
WO
RO
RW
RW
–
0
0
0
Bit
Bit name
This bit is ignored in ... mode.
Functions
At reset
RW
... flag
Undefined
Undefined
V1
Blank
: Set to “0” or “1” according to the usage.
0
: Set to “0” at writing.
1
: Set to “1” at writing.
!
: Ignored depending on the mode or state. It may be “0” or “1.”
: Not implemented.
V2
0
: “0” immediately after reset.
1
: “1” immediately after reset.
Undefined
: Undefined immediately after reset.
V3
RW
: It is possible to read the bit state at reading. The written value becomes valid.
RO
: It is possible to read the bit state at reading. The written value becomes
invalid. Accordingly, the written value may be “0” or “1.”
WO
: The written value becomes valid. It is impossible to read the bit state. The
value is undefined at reading. However, when [“0” at reading] is indicated in
the “Function” or “Note” column, the bit is always “0” at reading.(See to V4
above.)
—
: It is impossible to read the bit state. The value is undefined at reading.
However, when [“0” at reading] is indicated in the “Function” or “Note” column,
the bit is always “0” at reading.(See to V
4 above.)
The written value becomes invalid. Accordingly, the written value may be “0”
or “1.”
V4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com