Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 53Page - Renesas Technology Corp 7733 Datasheet HTML 54Page - Renesas Technology Corp 7733 Datasheet HTML 55Page - Renesas Technology Corp 7733 Datasheet HTML 56Page - Renesas Technology Corp 7733 Datasheet HTML 57Page - Renesas Technology Corp 7733 Datasheet HTML 58Page - Renesas Technology Corp 7733 Datasheet HTML 59Page - Renesas Technology Corp 7733 Datasheet HTML 60Page - Renesas Technology Corp 7733 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–18
2.4 Memory allocation
2.4 Memory allocation
The internal area’s memory allocation is described below. For the external area, refer to section “2.5
Processor modes.”
2.4.1 Memory allocation in internal area
SFR (Special Function Register), internal RAM, and internal ROM are allocated in the internal area.
(1) SFR (Special Function Register) area
Registers required for setting internal peripheral devices are allocated to addresses 016 to 7F16. This
area is called “SFR (Special Function Register) area.” Figure 2.4.4 shows the SFR area’s memory
map.
For each register in the SFR area, refer to the corresponding functional description.
For the state of the SFR area immediately after reset, refer to section “13.1.2 State of CPU, SFR area
and internal RAM area.”
(2) Internal RAM area
In the M37733MHBXXXFP, a 3968-byte static RAM is allocated to addresses 8016 to FFF16 (Note).
The internal RAM area is used as a data store area and as a stack area. Therefore, it is necessary
to give careful consideration to nesting levels in subroutines and multiple interrupts’ levels not to
destroy necessary data.
(3) Internal ROM area
In the M37733MHBXXXFP, a 124-Kbyte mask ROM is allocated to addresses 100016 to 1FFFF16
immediately after reset (Note). The internal ROM’s size and area can be changed by the memory
allocation selection bits (bits 0 to 2 at address 6316). Figure 2.4.1 shows the structure of the memory
allocation control register and its setting method. Figures 2.4.2 and 2.4.3 show the M37733MHBXXXFP’s
memory map. (Refer to section “Appendix 9. Q & A.”) Vector addresses for reset and interrupts
(interrupt vector table) are allocated to addresses FFD616 to FFFF16 in the internal ROM. In the
microprocessor mode, where the internal ROM area is inhibited from use, the ROM must be allocated
to addresses FFD616 to FFFF16.
Note: For the other microcomputers of the 7733 Group, refer to section “Appendix 1. Memory allocation
of 7733 Group.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com