Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 80Page - Renesas Technology Corp 7733 Datasheet HTML 81Page - Renesas Technology Corp 7733 Datasheet HTML 82Page - Renesas Technology Corp 7733 Datasheet HTML 83Page - Renesas Technology Corp 7733 Datasheet HTML 84Page - Renesas Technology Corp 7733 Datasheet HTML 85Page - Renesas Technology Corp 7733 Datasheet HTML 86Page - Renesas Technology Corp 7733 Datasheet HTML 87Page - Renesas Technology Corp 7733 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 940 page
background image
7733 Group User's Manual
4–5
INTERRUPTS
Table 4.2.2 lists occurrence conditions of internal interrupt requests, which occur because of internal operations.
4.2 Interrupt sources
Table 4.2.2 Occurrence conditions of internal interrupt requests
Interrupt
Zero division
interrupt
BRK instruction
interrupt
Watchdog timer
interrupt
Timer Ai interrupt
(i = 0 to 4)
Timer Bi interrupt
(i = 0 to 2)
UARTi reception
interrupt (i = 0,1)
UARTi transmission
interrupt (i = 0,1)
UART2
transmission
/reception interrupt
A-D conversion
interrupt
Occurrence conditions of interrupt requests
Occurs when divider is “0” in execution of DIV instruction (Division instruction).
(Refer to “7700 Family Software Manual.”)
Occurs when the BRK instruction is executed.
(Refer to “7700 Family Software Manual.”)
Occurs when the most significant bit of the watchdog timer becomes “0.”
(Refer to chapter “10 WATCHDOG TIMER.”)
Occurrence condition depends on Timer Ai’s operating modes.
(Refer to chapter “6 TIMER A.”)
Occurrence condition depends on Timer Bi’s operating modes.
(Refer to chapter “7 TIMER B.”)
Occurs at serial data reception.
(Refer to chapter “8 SERIAL I/O.”)
Occurs at serial data transmission.
(Refer to chapter “8 SERIAL I/O.”)
Occurs at serial data transmission/reception.
(Refer to chapter “8 SERIAL I/O.”)
Occurs when A-D conversion is completed.
(Refer to chapter “9 A-D CONVERTER.”)
For external interrupts, refer to section “4.10 External interrupts.” For the key input interrupt, refer to
chapter “5 KEY INPUT INTERRUPT FUNCTION.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com