Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 74Page - Renesas Technology Corp 7733 Datasheet HTML 75Page - Renesas Technology Corp 7733 Datasheet HTML 76Page - Renesas Technology Corp 7733 Datasheet HTML 77Page - Renesas Technology Corp 7733 Datasheet HTML 78Page - Renesas Technology Corp 7733 Datasheet HTML 79Page - Renesas Technology Corp 7733 Datasheet HTML 80Page - Renesas Technology Corp 7733 Datasheet HTML 81Page - Renesas Technology Corp 7733 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 940 page
background image
7733 Group User’s Manual
3–9
PROGRAMMABLE I/O PORTS
3.3 Pull-up function
Fig. 3.3.1 Structure of port function control register
Bit
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Port function control register (address 6D16)
Bit name
0: Pins P0 to P3 are used for the external bus output.
1: Pins P0 to P3 are used for the port output.
0
Standby state selection bit
1
Sub-clock output selection bit/
Timer B2 clock source selection
bit
0: No internal connection
1: Internal connection with timer B2
2
Timer B1 internal connect
selection bit
3
Port P6 pull-up selection bit 0
0: No pull-up for pins P54/TA2OUT/KI0 to P57/TA3IN/KI3
1: With pull-up for pins P54/TA2OUT/KI0 to P57/TA3IN/KI3
6
Port P5 pull-up selection bit
7
Key input interrupt selection bit
0: INT2 interrupt
1: Key input interrupt
5
Port P6 pull-up selection bit 1
4
Must be fixed to “0.”
At reset
RW
RW
RW
0
RW
0
RW
0
RW
0
RW
0
RW
0
RW
0
0
0
•Port-XC selection bitV = “0”
(when the sub clock is not used)
Timer B2 (event counter mode)
clock source selection (Note 1)
0: TB2IN input (event counter mode)
1: Main clock divided by 32
(clock timer)
•Port-XC selection bit = “1”
(when the sub clock is used)
Sub-clock output selection
0: Pin P67/TB2IN/
f SUB functions as a
programmable I/O port.
1: Sub clock
f SUB is output from
pin P67/TB2IN/
f SUB.
(Note 2)
Notes 1: When the port-Xc selection bit = “0” and timer B2 operates in the timer mode or the pulse period
/pulse width measurement mode, bit 1 is in
v
2: When timer B1 operates in the event counter mode, bit 2 is valid.
3:
represents that bits 0 to 2, 4, and 7 are not used for the pull-up function.
•Key input interrupt selection bit = “0”
0: No pull-up for pin P64/INT2
1: With pull-up for pin P64/INT2
•Key input interrupt selection bit = “1”
0: Pin P64/INT2 is a port with no pull-up.
1: Pin P64/INT2 is an input pin with pull-up
0: No pull-up for pins P62/INT0 and P63/INT1
1: With pull-up for pins P62/INT0 and P63/INT1
Port-Xc selection bitV : Bit 4 of the oscillation circuit control register 0 (address 6C16)
and is used for the key input interrupt.
valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com