Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 96Page - Renesas Technology Corp 7733 Datasheet HTML 97Page - Renesas Technology Corp 7733 Datasheet HTML 98Page - Renesas Technology Corp 7733 Datasheet HTML 99Page - Renesas Technology Corp 7733 Datasheet HTML 100Page - Renesas Technology Corp 7733 Datasheet HTML 101Page - Renesas Technology Corp 7733 Datasheet HTML 102Page - Renesas Technology Corp 7733 Datasheet HTML 103Page - Renesas Technology Corp 7733 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 940 page
background image
7733 Group User's Manual
4–21
INTERRUPTS
____
4.10.1 INTi interrupt request bit’s function
(1) Functions when edge sense is selected
By clearing the level sense/edge sense selection bit to “0,” the edge sense is selected. (Refer to
Figure 4.10.3.)
The interrupt request bit has the same functions as those for the interrupt request bit of internal
interrupts.
When an interrupt occurs, the interrupt request bit is set to “1” and retains this state until the interrupt
request is accepted.
When the interrupt request bit is cleared to “0” by software, an interrupt request is cancelled; when
the interrupt request bit is set to “1” by software, an interrupt request can be generated.
(2) Functions when level sense is selected
By setting the level sense/edge sense selection bit to “1,” the level sense is selected. (Refer to Figure
4.10.3.)
____
The interrupt request bit is ignored. In this case, interrupt requests occur sequentially while pin INTi
____
is at the valid levelV1; when pin INTi’s level changes to the invalid levelV2 with the interrupt request not
accepted, the interrupt request is not held. (Refer to Figure 4.10.4.)
Valid levelV1: The level selected by the polarity selection bit (bit 4 at addresses 7D16 to 7F16)
Invalid levelV2: The reverse level to “valid level”
____
4.10 External interrupts (INTi interrupt)
____
Fig. 4.10.3 INTi Interrupt request
____
Fig. 4.10.4 Re-occurrence of INTi interrupt request when level sense is selected
Pin INTi
Edge detection
circuit
Interrupt
request
Level sense/Edge sense
selection bit
“0”
“1”
Data bus
Interrupt request bit
Level sense
Edge sense
1st interrupt routine
Pin INTi
’s level
Valid
Invalid
Main routine
Interrupt request is accepted.
Return to main routine
2nd interrupt
routine
3rd interrupt
routine
Main routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com