Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 98Page - Renesas Technology Corp 7733 Datasheet HTML 99Page - Renesas Technology Corp 7733 Datasheet HTML 100Page - Renesas Technology Corp 7733 Datasheet HTML 101Page - Renesas Technology Corp 7733 Datasheet HTML 102Page - Renesas Technology Corp 7733 Datasheet HTML 103Page - Renesas Technology Corp 7733 Datasheet HTML 104Page - Renesas Technology Corp 7733 Datasheet HTML 105Page - Renesas Technology Corp 7733 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 940 page
background image
7733 Group User's Manual
4–23
INTERRUPTS
; The write instruction for the interrupt priority level selection bits
; The NOP instruction is inserted (Note)
;
;
; The write instruction for the interrupt priority level selection bits
Note: Other instructions whose cycle number corresponds to that of the NOP instruction
(other than the write instructions for address 7X 16) can be inserted.
For number of the NOP instructions which are to be inserted, refer to Table 4.11.1.
:
LDM .B #0XH, 007XH
NOP
NOP
NOP
LDM .B #0XH, 007XH
4.11 Precautions for interrupts
When the contents of the interrupt priority level selection bits (bits 0 to 2 at addresses 7016 to 7F16) is
changed, 2 to 7 cycles of
φ are required. Therefore, when the interrupt priority level of the same interrupt
source is changed twice or more in a very short time, which consists of a few instructions, it is necessary
to secure the required time by software. Figure 4.11.1 shows an program example to secure the time
required for the change of an interrupt priority level. Note that the time required for the change depends on
the contents of the interrupt priority level selection bits (bits 4 and 5 at address 5E16). Table 4.11.1 lists the
correspondence between the number of instructions inserted in a program example and the interrupt priority
level selection bits. (Refer to Figure 4.11.1, also.)
4.11 Precautions for interrupts
Table 4.11.1 Correspondence between number of instructions to be inserted in Figure 4.11.1 and
interrupt priority detection time selection bits
Interrupt priority detection time selection bits (Note)
b4
0
1
0
1
b5
0
0
1
1
Time required for change of
interrupt priority level
Number of inserted
NOP instruction
7 cycles of
φ
4 cycles of
φ
2 cycles of
φ
4 or more
2 or more
1 or more
Set as follows, if possible:
[b5 = “1,” b4 = “0”]
Fig. 4.11.1 Program example to secure time required for change of interrupt priority level
Do not select.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com