Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 41Page - Renesas Technology Corp 7733 Datasheet HTML 42Page - Renesas Technology Corp 7733 Datasheet HTML 43Page - Renesas Technology Corp 7733 Datasheet HTML 44Page - Renesas Technology Corp 7733 Datasheet HTML 45Page - Renesas Technology Corp 7733 Datasheet HTML 46Page - Renesas Technology Corp 7733 Datasheet HTML 47Page - Renesas Technology Corp 7733 Datasheet HTML 48Page - Renesas Technology Corp 7733 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–6
2.1.7 Data bank register (DT)
The data bank register consists of 8 bits. In an addressing mode where the data bank register is used, the
contents of this register is processed as the high-order 8 bits (bank) of an address to be accessed, which
consists of 24 bits.
When setting a certain value to this register, execute the LDT instruction.
At reset, this register is cleared to “0016.”
g Addressing modes where the data bank register is used are listed below:
Direct • indirect
Direct • indexed X • indirect
Direct • indirect • indexed Y
Absolute
Absolute • bit
Absolute • indexed X
Absolute • indexed Y
Absolute • bit • relative
Stack pointer • relative • indirect • indexed Y
2.1.8 Direct page register (DPR)
The direct page register consists of 16 bits. The contents of this register specifies a direct page area to
bank 016 or an area which extends banks 016 and 116. The direct page area can be accessed with two
bytes (Note) by using the direct page addressing mode.
The contents of the direct page register indicates the base address (the lowest address) of a direct page
area which is extended to 256 bytes above this address.
Values from 000016 to FFFF16 can be set to the direct page register. When a certain value equal to or more
than “FF0116” is set to the direct page register, the direct page area is specified to an area which extends
banks 016 and 116. When the contents of low-order 8 bits of the direct page register is cleared to “0016,”
the number of cycles required to generate the address to be accessed is decremented by 1. Therefore,
efficient access is possible.
At reset, this register is cleared to “000016.”
Figure 2.1.4 shows a setting example of direct page areas.
Note: For the DIV and MPY instructions, the direct page area is accessed with 3 bytes.
When accumulator B is used, for each instruction, the number of instruction bytes is incremented
by 1.
g Addressing modes where the direct page register is used are listed below:
Direct
Direct • bit
Direct • indexed X
Direct • indexed Y
Direct • indirect
Direct • indexed X • indirect
Direct • indirect • indexed Y
Direct • indirect long
Direct • indirect long • indexed Y
Direct • bit • relative
2.1 Central processing unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com