Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 81Page - Renesas Technology Corp 7733 Datasheet HTML 82Page - Renesas Technology Corp 7733 Datasheet HTML 83Page - Renesas Technology Corp 7733 Datasheet HTML 84Page - Renesas Technology Corp 7733 Datasheet HTML 85Page - Renesas Technology Corp 7733 Datasheet HTML 86Page - Renesas Technology Corp 7733 Datasheet HTML 87Page - Renesas Technology Corp 7733 Datasheet HTML 88Page - Renesas Technology Corp 7733 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 940 page
background image
7733 Group User's Manual
INTERRUPTS
4–6
A-D
/UART2 trans./rece. interrupt control register
UART0 transmission interrupt control register
UART0 receive interrupt control register
UART1 transmission interrupt control register
UART1 receive interrupt control register
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
INT0
interrupt control register
INT1
interrupt control register
INT2
/Key input interrupt control register
Address
7016
7116
7216
7316
7416
7516
7616
7716
7816
7916
7A16
7B16
7C16
7D16
7E16
7F16
4.3 Interrupt control
Maskable interrupts are enabled or disabled by setting the following:
qInterrupt request bit
qInterrupt priority level selection bits
qProcessor interrupt priority level (IPL)
qInterrupt disable flag (I)
The interrupt disable flag (I) and processor interrupt priority level (IPL) are allocated to the processor status
register (PS). An interrupt request bit and the interrupt priority level selection bits are allocated to the
interrupt control register for the corresponding interrupt.
Figure 4.3.1 shows the memory map of interrupt control registers and Figure 4.3.2 shows their structures.
qMaskable interrupts
: By software, acceptance of these interrupts’ requests can be disabled.
qNon-maskable interrupts (Zero division, BRK instruction, and watchdog timer interrupts)
: When an interrupt request occurs, it is certain to be accepted. They do not
have interrupt control registers and are not affected by the interrupt disable
flag (I).
4.3 Interrupt control
Fig. 4.3.1 Interrupt control registers’ memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com