Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7733 Datasheet HTML 1Page - Renesas Technology Corp 7733 Datasheet HTML 2Page - Renesas Technology Corp 7733 Datasheet HTML 3Page - Renesas Technology Corp 7733 Datasheet HTML 4Page - Renesas Technology Corp 7733 Datasheet HTML 5Page - Renesas Technology Corp 7733 Datasheet HTML 6Page - Renesas Technology Corp 7733 Datasheet HTML 7Page - Renesas Technology Corp 7733 Datasheet HTML 8Page - Renesas Technology Corp 7733 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 940 page
background image
I
BEFORE USING THIS MANUAL
1. INTRODUCTION
This manual consists of the following: PART 1: 7733 Group, PART 2: 7735 Group, and PART 3:
7736 Group.
The peripheral functions are common to all of these groups, but the external bus mode differs
according to the group, as follows:
• 7733 Group: external bus mode A is assigned.
• 7735 Group: external bus mode B is assigned.
• 7736 Group: external bus mode A or B is selectable.
In parts 2 and 3, only the differences occurring between the 7735/7736 Group and the 7733 Group
are described. Also, the chapter, section, table and figure numbers are the same as those in part 1
and the differences are described by the section.
PART 1: 7733 Group
q Chapter 1. OVERVIEW through Chapter 17. APPLICATIONS
The common functions of the 7733 Group microcomputers are described.
The M37733MHBXXXFP is used as a typical microcomputer in this group to describe all common
functions.
q Chapter 18. LOW VOLTAGE VERSION
Read this chapter when using the microcomputers with the electrical characteristics indicated by
“L.” (See page 1-2 in part 1.) Ex.: M37733MHLXXXHP
The differences between the M37733MHLXXXHP, which is a typical low voltage version of the
7733 Group, and the M37733MHBXXXFP are described.
q Chapter 19. BUILT-IN PROM VERSION
Read this chapter when using the microcomputers with the memory type indicated by “E.” (See
page 1-2 in part 1.) Ex.: M37733EHBXXXFP
The differences between the M37733EHBXXXFP, which is a typical built-in PROM version of the
7733 Group, and the M37733MHBXXXFP are described.
q Chapter 20. EXTERNAL ROM VERSION
Read this chapter when using the microcomputers with the memory type indicated by “S.” (See
page 1-2 in part 1.) Ex.: M37733S4BFP
The differences between the M37733S4BFP, which is a typical external ROM version of the 7733
Group, and the M37733MHBXXXFP are described.
q APPENDIX
Practical information for using the 7733 Group is described .
PART 2: 7735 Group, PART 3: 7736 Group
Refer to the table on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com