Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 44Page - Renesas Technology Corp 7733 Datasheet HTML 45Page - Renesas Technology Corp 7733 Datasheet HTML 46Page - Renesas Technology Corp 7733 Datasheet HTML 47Page - Renesas Technology Corp 7733 Datasheet HTML 48Page - Renesas Technology Corp 7733 Datasheet HTML 49Page - Renesas Technology Corp 7733 Datasheet HTML 50Page - Renesas Technology Corp 7733 Datasheet HTML 51Page - Renesas Technology Corp 7733 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–9
(5) Bit 4: Index register length flag (x)
This flag determines whether index register X or index register Y is used as a 16-bit register or an
8-bit register. The register is used as a 16-bit register when this flag is “0” and as an 8-bit register
when this flag is “1.” When setting this flag to “1,” execute the SEP instruction; when clearing this flag
to “0,” execute the CLP instruction.
At reset, this flag is cleared to “0.”
Note: When data is transferred between registers which are different in bit length, the data is transferred
with the bit length of the destination register. But this is not applied to the case where the TXA,
TYA, TXB, or TYB instruction is executed. Refer to “7700 Family Software Manual” for
details.
(6) Bit 5: Data length flag (m)
This flag determines whether data is used as 16-bit data or 8-bit data. Data is used as 16-bit data
when this flag is “0” and as 8-bit data when this flag is “1.” When setting this flag to “1,” execute the
SEM or SEP instruction; when clearing this flag to “0,” execute the CLM or CLP instruction.
At reset, this flag is cleared to “0.”
Note: When data is transferred between registers which are different in bit length, the data is transferred
with the data length of the destination register. But this is not applied to the case where the
TXA, TYA, TXB, or TYB instruction is executed. Refer to “7700 Family Software Manual” for
details.
(7) Bit 6: Overflow flag (V)
This flag is valid when addition or subtraction is executed for each word which is processed as signed
binary data. If the data length flag (m) is “0,” the overflow flag is set to “1” when the result of addition
or subtraction exceeds the range between –32768 and +32767 and cleared to “0” in the other cases.
If the data length flag (m) is “1,” the overflow flag is set to “1” when the result of addition or subtraction
exceeds the range between –128 and +127 and cleared to “0” in the other cases. Also, the overflow
flag is set to “1” when the length of the division result obtained by the DIV instruction is longer than
that of a register where the result is to be stored. When the BVC or BVS instruction is executed, the
program branches according to this flag’s state. This flag is ignored in the decimal mode. When setting
this flag to “1,” execute the SEP instruction; when clearing this flag to “0,” execute the CLV or CLP
instruction.
(8) Bit 7: Negative flag (N)
This flag is set to “1” when the result of an arithmetic operation or data transfer is negative. (Bit 15
of the result is “1” when the data length flag (m) is “0,” or bit 7 of the result is “1” when the data length
flag (m) is “1.”) It is cleared to “0” in the other cases. When the BPL or BMI instruction is executed,
the program branches according to this flag’s state. This flag is ignored in the decimal mode. When
setting this flag to “1,” execute the SEP instruction; when clearing this flag to “0,” execute the CLP
instruction.
(9) Bits 8 to 10: Processor interrupt priority level (IPL)
These bits can specify one of levels 0 to 7 as the processor interrupt priority level. An interrupt is
enabled when its interrupt priority level, which is set in the interrupt control register, is higher than IPL.
When the interrupt request is accepted, the contents of IPL is stored into the stack area and the
interrupt priority level of the accepted interrupt is set in IPL.
No instruction can directly set or clear each of these bits. When changing these bits, store a desired
processor interrupt priority level into the stack area. And then, change the contents of the processor
status register by executing the PUL or PLP instruction.
At reset, the contents of IPL is cleared to “0002.”
2.1 Central processing unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com