Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 67Page - Renesas Technology Corp 7733 Datasheet HTML 68Page - Renesas Technology Corp 7733 Datasheet HTML 69Page - Renesas Technology Corp 7733 Datasheet HTML 70Page - Renesas Technology Corp 7733 Datasheet HTML 71Page - Renesas Technology Corp 7733 Datasheet HTML 72Page - Renesas Technology Corp 7733 Datasheet HTML 73Page - Renesas Technology Corp 7733 Datasheet HTML 74Page - Renesas Technology Corp 7733 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 940 page
background image
7733 Group User’s Manual
3–2
PROGRAMMABLE I/O PORTS
Functions of all ports in the single-chip mode and that of ports P43 to P47 and P5 to P8 in the memory
expansion and the microprocessor modes are described below. For more information about ports P0 to P4,
whose functions depend on the processor mode, refer to section “2.5 Processor modes” and chapter “12.
CONNECTING EXTERNAL DEVICES.”
3.1 Programmable I/O ports
The 7733 Group has 68 programmable I/O ports (P0 to P8).
Each of ports P0 to P8 has a port direction register and a port register in the SFR area. Each input-only
port has a port register in the SFR area. Figure 3.1.1 shows the memory map of port direction registers and
port registers.
Note that ports P42 and P5 to P8 also function as I/O pins for internal peripheral devices. For details, refer
to section “3.4 Internal peripheral devices’ I/O functions” and the corresponding functional description.
3.1 Programmable I/O ports
Fig. 3.1.1 Memory map of port direction registers and port registers
Port P4 register
Port P5 register
Port P4 direction register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
Port P8 register
Port P8 direction register
816
916
A16
B16
C16
D16
E16
F16
1016
1116
1216
1316
1416
addresses
Port P0 register
Port P1 register
Port P0 direction register
Port P1 direction register
Port P2 register
Port P3 register
Port P2 direction register
Port P3 direction register
216
316
416
516
616
716



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com