Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 94Page - Renesas Technology Corp 7733 Datasheet HTML 95Page - Renesas Technology Corp 7733 Datasheet HTML 96Page - Renesas Technology Corp 7733 Datasheet HTML 97Page - Renesas Technology Corp 7733 Datasheet HTML 98Page - Renesas Technology Corp 7733 Datasheet HTML 99Page - Renesas Technology Corp 7733 Datasheet HTML 100Page - Renesas Technology Corp 7733 Datasheet HTML 101Page - Renesas Technology Corp 7733 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 940 page
background image
7733 Group User's Manual
4–19
INTERRUPTS
____
4.10 External interrupts (INTi interrupt)
____
An external interrupt request occurs by input signal from pin INTi (i = 0 to 2). The occurrence condition of
an external interrupt request can be selected by the level sense/edge sense selection bit and the polarity
selection bit (bits 5 and 4 at addresses 7D16 to 7F16) shown in Figure 4.10.2. Table 4.10.1 lists the
____
occurrence condition of INTi interrupt request.
____
____
When using pins P62/INT0 to P64/INT2 as external interrupt input pins, set their corresponding bits at address
1016 (Port P6 direction register) to “0.” (Refer to “Figure 4.10.1.”) These pins can be pulled high by
____
____
software. (Refer to section “3.3 Pull-up function of P62 to P64 pins (INT0 to INT2).”
____
The INT2 interrupt is invalid when the key input interrupt selection bit (bit 7 at address 6D16) = “1.” (Refer
____
to chapter “5 KEY INPUT INTERRUPT FUNCTION.”) When using the INT2 interrupt function, clear the key
input interrupt selection bit to “0.”
____
A signal which is input to pin INTi requires a “H”/“L”-level duration of 250 ns or more independent of the
system clock frequency (Note 1).
____
____
Note that even when pins P62/INT0 to P64/INT2 are used as external interrupt input pins, these pins’ state
can be read in by reading bits 2 to 4 at address E16 (Port P6 register).
Note 1: When the falling edge or “L” level is selected as the interrupt occurrence condition, make sure that
“L”-level duration must be at least 250 ns: when the rising edge or “H” level is selected as the
interrupt occurrence condition, make sure that “H”-level duration must be at least 250 ns.
____
4.10 External interrupts (INTi interrupt)
____
Table 4.10.1 Occurrence condition of INTi interrupt request
b5 (Note 2)
0
0
1
1
b4 (Note 2)
0
1
0
1
____
____
Note 2: “b5” and “b4” represent bits 5 and 4 of the INT0 to INT2/key input interrupt control register. (Refer
to “Figure 4.10.2.”)
____
____
In an INTi interrupt, pin INTi’s state is always checked, and then an interrupt request is generated
____
____
according to the state. Therefore, when an INTi interrupt is not used, clear the INTi interrupt’s
priority level to “0.”
____
INTi
interrupt request occurrence condition
____
Occurs at the falling edge of an input signal to pin INTi (Edge sense).
____
Occurs at the rising edge of an input signal to pin INTi (Edge sense).
____
Occurs when pin INTi is at “H” level (Level sense).
____
Occurs when pin INTi is at “L” level (Level sense).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com