Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 47Page - Renesas Technology Corp 7733 Datasheet HTML 48Page - Renesas Technology Corp 7733 Datasheet HTML 49Page - Renesas Technology Corp 7733 Datasheet HTML 50Page - Renesas Technology Corp 7733 Datasheet HTML 51Page - Renesas Technology Corp 7733 Datasheet HTML 52Page - Renesas Technology Corp 7733 Datasheet HTML 53Page - Renesas Technology Corp 7733 Datasheet HTML 54Page - Renesas Technology Corp 7733 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–12
2.2.2 Functions of bus interface unit (BIU)
The bus interface unit (BIU) consists of four registers shown in Figure 2.2.2. Table 2.2.1 lists each register’s
function.
2.2 Bus interface unit
Table 2.2.1 Each register’s function
Fig. 2.2.2 Registers’ structure of which bus interface unit (BIU) consists
Name
Program address register
Instruction queue buffer
Data address register
Data buffer
Functions
Indicates a store address for an instruction which is next fetched into an instruction
queue buffer.
Temporarily stores an instruction which was fetched.
Indicates an address for data which is next read or written.
Temporarily stores data which was read from the memory • I/O unit by the BIU
or which is to be written to the memory • I/O unit by the CPU.
PA
b23
b0
Q0
b7
b0
Q1
Q2
DA
b23
b0
DBL
b0
DBH
b15
Program address register
Instruction queue buffer
Data address register
Data buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com