Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 102Page - Renesas Technology Corp 7733 Datasheet HTML 103Page - Renesas Technology Corp 7733 Datasheet HTML 104Page - Renesas Technology Corp 7733 Datasheet HTML 105Page - Renesas Technology Corp 7733 Datasheet HTML 106Page - Renesas Technology Corp 7733 Datasheet HTML 107Page - Renesas Technology Corp 7733 Datasheet HTML 108Page - Renesas Technology Corp 7733 Datasheet HTML 109Page - Renesas Technology Corp 7733 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7733 Group User’s Manual
5–3
b7
b6
b5
b4
b3
b2
b1
b0
Port P5 direction register (address D 16)
0
00
0
b7
b6
b5
b4
b3
b2
b1
b0
Port P6 direction register (address 10 16)
0
0: Must be set to “0.”
0: Must be set to “0.”
INT2
/Key input interrupt control register
Interrupt control register
P64/INT2
P57/KI3
P55/KI1
P56/KI2
P54/KI0
INT2/Key input
interrupt
request
Key input interrupt selection bit
(address 7F16)
When key input interrupt is
selected, it is necessary to
select edge sense which
uses falling edge.
Pull–up
transistor
Port P5 pull-up
selection bit
Port P57 direction
register
0
1
Pull–up
transistor
Pull–up
transistor
Pull–up
transistor
Port P6 pull-up
selection bit 1
Port P64 direction register
0
1
Port P6 pull-up
selection bit 1
5.2 Block description
Figure 5.2.1 shows the block diagram for the key input interrupt function.
5.2 Block description
Fig. 5.2.1 Block diagram for key input interrupt function
___
___
____
5.2.1 Pins KI0 to KI3 and P64/INT2
When the key input interrupt function is selected, pins P54 to P57 become input pins for the key input
___
___
interrupt (KI0 to KI3).
When selecting the key input interrupt function, clear all of bits 4 to 7 at address D16 (Port P5 direction
register) to “0.”
___
___
When bits 4 to 7 at address B16 (Port P5 register) are read out, the status of pins KI0 to KI3 can be read
____
in. When using pin P64/INT2 as an input pin for the key input interrupt, set both of bits 5 and 7 at address
6D16 to “1” and bit 4 at address 1016 (Port P6 direction register) to “0.” When bit 4 at address E616 (Port
____
P6 register) is read out, the status of pin P64/INT2 can be read in.
Fig. 5.2.2 Port P5 and P6 direction registers when key input interrupt function is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com