Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 105Page - Renesas Technology Corp 7733 Datasheet HTML 106Page - Renesas Technology Corp 7733 Datasheet HTML 107Page - Renesas Technology Corp 7733 Datasheet HTML 108Page - Renesas Technology Corp 7733 Datasheet HTML 109Page - Renesas Technology Corp 7733 Datasheet HTML 110Page - Renesas Technology Corp 7733 Datasheet HTML 111Page - Renesas Technology Corp 7733 Datasheet HTML 112Page - Renesas Technology Corp 7733 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7733 Group User’s Manual
5–6
b7
b6
b5
b4
b3
b2
b1
b0
INT2
/key input interrupt control register (address 7F 16)
Bit
4
Must be fixed to “0.”
3
Interrupt request bit
2
1
0
Interrupt priority level selection
bits
Bit name
At reset
Undefined
0
0
0
0
0
0
RW
Functions
0 0 0: Level 0 (Interrupt is disabled.)
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
b2 b1 b0
0: No interrupt request has occurred.
1: Interrupt request has occurred.
5
7
6
Not implemented.
00
Undefined
RW
RW
RW
RW
RW
RW
–
–
5.2.3 Interrupt function
____
The key input interrupt and the INT2 interrupt share the same interrupt vector addresses and interrupt
____
control register. Specify addresses FFF016 and FFF116 (in other words, the vector addresses for the INT2/
____
key input interrupt) as the interrupt vector addresses; specify the INT2/key input interrupt control register
____
(address 7F16) as the interrupt control register. Figure 5.2.4 shows the structure of the INT2/key input
interrupt control register when the key input interrupt function is selected.
____
The operation at accepting a key input interrupt request is the same as that at accepting an INT2 interrupt
request.
5.2 Block description
____
Fig. 5.2.4 Structure of INT2/key input interrupt control register when key input interrupt function is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com