Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 106Page - Renesas Technology Corp 7733 Datasheet HTML 107Page - Renesas Technology Corp 7733 Datasheet HTML 108Page - Renesas Technology Corp 7733 Datasheet HTML 109Page - Renesas Technology Corp 7733 Datasheet HTML 110Page - Renesas Technology Corp 7733 Datasheet HTML 111Page - Renesas Technology Corp 7733 Datasheet HTML 112Page - Renesas Technology Corp 7733 Datasheet HTML 113Page - Renesas Technology Corp 7733 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7733 Group User’s Manual
5–7
Setting of interrupt priority level
b0
INT2/Key input interrupt control register (address 7F 16)
b7
0
00
Interrupt priority level selection bits
One of levels 1 to 7 must be set.
Interrupt request bit
g In order to enable the key input interrupt, the interrupt disable flag (I) must be set to “0” and
the processor interrupt priority level (IPL) must be a value smaller than the INT2/key input
interrupt’s priority level. (Refer to chapter “4. INTERRUPTS.” )
b0
Selection of the key input interrupt function
Selection of the key input interrupt function
Pull-up selection for pins KI0 to KI3
Port function control register (address 6D 16)
0: No pull-up
1: Pull-up
Port P5 pull-up selection bit
b7
10
0: Port P64 is a programmable I/O port with no pull-up.
1: Port P64 is an input pin with pull-up and is used for the key input
interrupt.
Port P6 pull-up selection bit 1
Setting of port P5 and P6 direction registers
b7
b0
Port P5 direction register (address D 16)
P54 to P57 are set to the input mode. (Must be set to “0000.”)
0
0
0
0
b7
b0
Port P6 direction register (address 10 16)
When setting P64 as an input pin for the key input interrupt, set this bit to “0.”
0
5.3 Initial setting example for related registers
Figure 5.3.1 shows an initial setting example for registers related to the key input interrupt function.
Fig. 5.3.1 Initial setting example for registers related to key input interrupt function
5.3 Initial setting example for related registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com