Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 104Page - Renesas Technology Corp 7733 Datasheet HTML 105Page - Renesas Technology Corp 7733 Datasheet HTML 106Page - Renesas Technology Corp 7733 Datasheet HTML 107Page - Renesas Technology Corp 7733 Datasheet HTML 108Page - Renesas Technology Corp 7733 Datasheet HTML 109Page - Renesas Technology Corp 7733 Datasheet HTML 110Page - Renesas Technology Corp 7733 Datasheet HTML 111Page - Renesas Technology Corp 7733 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7733 Group User’s Manual
5–5
(1) Port P6 pull-up selection bit (bit 5)
____
When using pin P64/INT2 as an input pin for the key input interrupt, set this bit to “1.” When this bit
____
is set to “1,” pin P64/INT2 is pulled high.
(2) Port P5 pull-up selection bit (bit 6)
___
___
This is a bit to pull pins KI0 to KI3 high. When configuring a key matrix, there is no need to connect
___
___
pull-up transistors externally if this bit is set to “1,” in other words, if pins KI0 to KI3 are set to be pulled
high.
(3) Key input interrupt selection bit (bit 7)
This is a bit to select the key input interrupt function.
____
The key input interrupt and the INT2 interrupt share the same interrupt vector addresses and interrupt
control register. When this bit is set to “1,” the key input interrupt function is selected. When this bit
____
= “1” and bit 5 (Port P6 pull-up selection bit) = “0,” pin P64/INT2 is a programmable I/O port. (At this
____
time, the INT2 interrupt cannot be used.) When both of this bit and bit 5 (Port P6 pull-up selection bit
____
1) are “1,” pin P64/INT2 can be used for the key input interrupt.
5.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com