Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 351Page - Renesas Technology Corp 7733 Datasheet HTML 352Page - Renesas Technology Corp 7733 Datasheet HTML 353Page - Renesas Technology Corp 7733 Datasheet HTML 354Page - Renesas Technology Corp 7733 Datasheet HTML 355Page - Renesas Technology Corp 7733 Datasheet HTML 356Page - Renesas Technology Corp 7733 Datasheet HTML 357Page - Renesas Technology Corp 7733 Datasheet HTML 358Page - Renesas Technology Corp 7733 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 940 page
background image
RESET
7733 Group User’s Manual
13–4
13.1 Hardware reset
13.1.2 State of CPU, SFR area, and internal RAM area
Figure 13.1.2 shows the state of the CPU registers immediately after reset. Figures 13.1.3 to 13.1.6 show
the state of the SFR area and internal RAM area immediately after reset.
Fig. 13.1.2 State of CPU registers immediately after reset
Processor status register (PS)
0
00
0
00
0
0
00
0
1
b7
b0
b15
b8
NV
mx
D
IZ
C
IPL
?
??
?
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after reset.
: Nothing is allocated.
Always “0” at reading
Contents of address FFFE16
Contents of address FFFF16
0016
0016
Direct page register (DPR)
b7
b0
b15
b8
Program counter (PC)
b7
b0
b15
b8
Program bank register (PG)
b7
b0
Data bank register (DT)
b7
b0
0
Register name
State immediately after reset
0016
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com