Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 155 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 151Page - ATMEL Corporation ATtiny43U Datasheet HTML 152Page - ATMEL Corporation ATtiny43U Datasheet HTML 153Page - ATMEL Corporation ATtiny43U Datasheet HTML 154Page - ATMEL Corporation ATtiny43U Datasheet HTML 155Page - ATMEL Corporation ATtiny43U Datasheet HTML 156Page - ATMEL Corporation ATtiny43U Datasheet HTML 157Page - ATMEL Corporation ATtiny43U Datasheet HTML 158Page - ATMEL Corporation ATtiny43U Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 182 page
background image
155
8048B–AVR–03/09
20. Electrical Characteristics
20.1
Absolute Maximum Ratings*
20.2
DC Characteristics
Note:
All DC Characteristics contained in this data sheet are based on simulation and characterization of other AVR microcontrollers
manufactured in the same process technology. These values are preliminary values representing design targets, and will be
updated after characterization of actual silicon.
Operating Temperature.................................. -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on any Pin except RESET
with respect to Ground ................................-0.5V to VCC+0.5V
Voltage on RESET with respect to Ground......-0.5V to +13.0V
Maximum Operating Voltage ............................................ 6.0V
DC Current per I/O Pin ............................................... 40.0 mA
DC Current
V
CC and GND Pins ................................ 200.0 mA
Table 20-1.
DC Characteristics. T
A = -40°C to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage,
Any Pin as I/O
V
CC = 1.8V - 2.4V
-0.5
0.2V
CC
(1)
V
V
CC = 2.4V - 5.5V
-0.5
0.3V
CC
(1)
V
Input Low Voltage,
RESET Pin as Reset
(2)
V
CC = 1.8V - 5.5V
-0.5
0.2V
CC
(1)
V
VIH
Input High-voltage,
Any Pin as I/O
V
CC = 1.8V - 2.4V
0.7V
CC
(3)
V
CC +0.5
V
VCC = 2.4V - 5.5V
0.6VCC
(3)
VCC +0.5
V
Input High-voltage,
RESET Pin as Reset
(2)
V
CC = 1.8V to 5.5V
0.9 VCC
(3)
VCC +0.5
V
VOL
Output Low Voltage
(4),
Pins PB1, PB2, PB4 and PB5
(5)
IOL = 20 mA, VCC = 5V
0.8
V
IOL = 10 mA, VCC = 3V
0.8
V
IOL = 4 mA, VCC = 1.8V
0.8
V
Output Low Voltage
(4),
All Other I/O Pins, except RESET
pin
IOL = 10 mA, VCC = 5V
0.8
V
IOL = 5 mA, VCC = 3V
0.8
V
IOL = 2 mA, VCC = 1.8V
0.8
V
VOH
Output High-voltage
(6)
All I/O Pins, except RESET pin
IOH = 10 mA, VCC = 5V
4.0
V
IOH = 5 mA, VCC = 3V
2.3
V
IOH = 2 mA, VCC = 1.8V
1.4
V
ILIL
Input Leakage Current, I/O Pin
VCC = 5.5V, pin low
-1
1
µA
ILIH
Input Leakage Current, I/O Pin
V
CC = 5.5V, pin high
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com