Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 156 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 152Page - ATMEL Corporation ATtiny43U Datasheet HTML 153Page - ATMEL Corporation ATtiny43U Datasheet HTML 154Page - ATMEL Corporation ATtiny43U Datasheet HTML 155Page - ATMEL Corporation ATtiny43U Datasheet HTML 156Page - ATMEL Corporation ATtiny43U Datasheet HTML 157Page - ATMEL Corporation ATtiny43U Datasheet HTML 158Page - ATMEL Corporation ATtiny43U Datasheet HTML 159Page - ATMEL Corporation ATtiny43U Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 182 page
background image
156
8048B–AVR–03/09
ATtiny43U
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low.
2. Not tested in production.
3. “Min” means the lowest value where the pin is guaranteed to be read as high.
4. Although each I/O port can under steady state (non-transient) conditions sink more than indicated, the sum of all IOL currents
may not exceed 60 mA, or the boost converter limits. If I
OL limits are exceeded the corresponding VOL levels can not be guar-
anteed. Pins are not guaranteed to sink currents greater than those listed.
5. Pins PB1, PB2, PB4 and PB5 are high sink I/O pins.
6. Although each I/O port can under steady state (non-transient) conditions source more than indicated, the sum of all I
OH cur-
rents may not exceed 60 mA, or the boost converter limits. If IOH limits are exceeded the corresponding VOH levels can not be
guaranteed. Pins are not guaranteed to source currents greater than those listed.
7. See “Boost Converter Characteristics” on page 159 for current consumption of entire device, including boost converter.
20.3
Speed Grades
Figure 20-1. Maximum Frequency vs. V
CC (Boost Converter Disregarded).
RPU
Pull-up Resistor, I/O Pin
V
CC = 5.5V, input low
20
50
k
Ω
Pull-up Resistor, RESET Pin
V
CC = 5.5V, input low
30
80
k
Ω
ICC
Supply Current,
Active Mode,
Without Boost Converter
(7)
f = 1MHz, VCC = 2V
0.2
0.55
mA
f = 4MHz, VCC = 3V
1.3
2.5
mA
f = 8MHz, VCC = 5V
4
7
mA
Supply Current,
Idle Mode,
Without Boost Converter
(7)
f = 1MHz, VCC = 2V
0.04
0.15
mA
f = 4MHz, VCC = 3V
0.25
0.6
mA
f = 8MHz, VCC = 5V
1.0
2.0
mA
Supply Current,
Power-Down Mode,
Without Boost Converter
(7)
WDT enabled, VCC = 3V
4.5
10
µA
WDT disabled, VCC = 3V
0.35
2
µA
Table 20-1.
DC Characteristics. T
A = -40°C to 85°C (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
8 MHz
4 MHz
1.8V
2.7V
5.5V
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com