Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 159 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 159 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 155Page - ATMEL Corporation ATtiny43U Datasheet HTML 156Page - ATMEL Corporation ATtiny43U Datasheet HTML 157Page - ATMEL Corporation ATtiny43U Datasheet HTML 158Page - ATMEL Corporation ATtiny43U Datasheet HTML 159Page - ATMEL Corporation ATtiny43U Datasheet HTML 160Page - ATMEL Corporation ATtiny43U Datasheet HTML 161Page - ATMEL Corporation ATtiny43U Datasheet HTML 162Page - ATMEL Corporation ATtiny43U Datasheet HTML 163Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 182 page
background image
159
8048B–AVR–03/09
20.7
Boost Converter Characteristics
Table 20-7.
Characteristics of Boost Converter. T = -20
°C ... +85°C, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VSTART
Start Voltage
1.05
1.2
1.35
V
V
BAT
Input Voltage
0.7
1.8
V
VSTOP
Shutdown Voltage
0.45
0.7
V
VBOOST
1.0
V
VCC
Output Voltage
Active Mode, I
LOAD > 1mA
2.7
3.0
3.3
V
Low Current Mode
1.8
3.6
V
ILOAD
Load Current
VBAT = 0.7V
0
10
mA
V
BAT = 1.0V
0
30
mA
VRPP
Output Voltage Ripple
VBAT = 1.0V, ILOAD = 30mA, CLOAD = 22µF
100
mV
tSTART
Start-up Time
VBAT = Step Change from 0V to 1.2V
2
ms
IIN
Current consumption of entire
device
V
BAT = 0.45V, Converter in Stop Mode
MCU not powered
1µA
VBAT = 1.05V, Converter in Stop Mode
MCU not powered
2µA
VBAT = 1.2V, Active Low Current Mode
MCU in Power Down, WD disabled
5µA
V
BAT = 1.2V, Active Regulated Mode
MCU active, 4MHz
5mA
f
S
Switching frequency
75
100
125
kHz
T
S
Switching period
T
S = 1 / fS
8
10
13.3
µs
DSW
Duty Cycle
372
%
VBATOL
Lowest V
BAT voltage where
device recovers from overload
Output overload or short circuit removed
TBD
1.05
TBD
V
Load Regulation:
T = 25
°C, V
BAT = 1.2V
Boost converter in Active Mode
2.7
%
Line Regulation:
T = 25
°C, I
LOAD = 1mA
Boost converter in Active Mode
1.0
%
Temperature Regulation:
VBAT = 1.2V, ILOAD = 1mA
Boost converter in Active Mode
2.3
%
V
CC
LOADMIN
V
CC
LOADMAX
–
V
CC
LOADMAX
-----------------------------------------------------------------------------
V
CC
VBATMAX
V
CC
VBATMIN
–
V
CC
VBATNOM
---------------------------------------------------------------------------
V
CC
TEMPMAX
V
CC
TEMPMIN
–
V
CC
TEMPNOM
-----------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com