Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 157 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 153Page - ATMEL Corporation ATtiny43U Datasheet HTML 154Page - ATMEL Corporation ATtiny43U Datasheet HTML 155Page - ATMEL Corporation ATtiny43U Datasheet HTML 156Page - ATMEL Corporation ATtiny43U Datasheet HTML 157Page - ATMEL Corporation ATtiny43U Datasheet HTML 158Page - ATMEL Corporation ATtiny43U Datasheet HTML 159Page - ATMEL Corporation ATtiny43U Datasheet HTML 160Page - ATMEL Corporation ATtiny43U Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 182 page
background image
157
8048B–AVR–03/09
20.4
Clock Characteristics
20.4.1
Calibrated Internal Oscillator Accuracy
It is possible to manually calibrate the internal oscillator to be more accurate than default factory calibration. Please note
that the oscillator frequency depends on temperature and voltage.
Notes:
1. Accuracy of oscillator frequency at calibration point (fixed temperature and fixed voltage).
20.4.2
External Clock Drive
Figure 20-2. External Clock Drive Waveforms
Table 20-2.
Calibration Accuracy of Internal Oscillator
Calibration
Method
Target Frequency
V
CC
Temperature
Accuracy at given Voltage
& Temperature (1)
Factory
Calibration
8.0 MHz
3V
25
°C±10%
User
Calibration
Fixed frequency within:
7.3 - 8.1 MHz
Fixed voltage within:
1.8V - 5.5V
Fixed temperature within:
-40
°C - 85°C
±1%
Table 20-3.
External Clock Drive Characteristics
Symbol
Parameter
VCC = 1.8 - 5.5V
VCC = 2.7 - 5.5V
Units
Min.
Max.
Min.
Max.
1/tCLCL
Clock Frequency
0408
MHz
tCLCL
Clock Period
250
125
ns
tCHCX
High Time
100
50
ns
tCLCX
Low Time
100
50
ns
tCLCH
Rise Time
2.0
1.6
μs
tCHCL
Fall Time
2.0
1.6
μs
Δt
CLCL
Period change from clock cycle to next
2
2
%
VIL1
VIH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com