Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 31 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 27Page - Analog Devices AD9148BBCZ Datasheet HTML 28Page - Analog Devices AD9148BBCZ Datasheet HTML 29Page - Analog Devices AD9148BBCZ Datasheet HTML 30Page - Analog Devices AD9148BBCZ Datasheet HTML 31Page - Analog Devices AD9148BBCZ Datasheet HTML 32Page - Analog Devices AD9148BBCZ Datasheet HTML 33Page - Analog Devices AD9148BBCZ Datasheet HTML 34Page - Analog Devices AD9148BBCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 31 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
HB2 Control
HB2[2:0]
Modulation mode for second stage interpolation filter
(fHB2 = 2 × fIN2).
000
000 = input signal modulated by dc. Filter pass band is
from −0.1 to +0.1 of fHB2.
001 = input signal modulated by dc. Filter pass band is
from 0.025 to 0.225 of fHB2.
010 = input signal modulated by fHB2/4. Filter pass band is
from 0.15 to 0.35 of fHB2.
011 = input signal modulated by fHB2/4. Filter pass band is
from 0.275 to 0.475 of fHB2.
100 = input signal modulated by fHB2/2. Filter pass band is
from 0.4 to 0.6 of fHB2.
101 = input signal modulated by fHB2/2. Filter pass band is
from 0.525 to 0.725 of fHB2.
110 = input signal modulated by 3fHB2/4. Filter pass band is
from 0.65 to 0.85 of fHB2.
111 = input signal modulated by 3fHB2/4. Filter pass band is
from 0.775 to 0.975 of fHB2.
0
Bypass HB2
Second stage interpolation filter bypass.
0
HB3 Control
1E
7
Bypass Phase Adj
1 = bypass phase compensation.
1
3:1
HB3[2:0]
Modulation mode for third stage interpolation filter
(fHB3 = 2 × fIN3).
000
000 = input signal modulated by dc. Filter pass band is
from −0.1 to +0.1 of fHB3.
001 = input signal modulated by dc. Filter pass band is
from 0.025 to 0.225 of fHB3.
010 = input signal modulated by fHB3/4. Filter pass band is
from 0.15 to 0.35 of fHB3.
011 = input signal modulated by fHB3/4. Filter pass band is
from 0.275 to 0.475 of fHB3.
100 = input signal modulated by fHB3/2. Filter pass band is
from 0.4 to 0.6 of fHB3.
101: Input signal modulated by fHB3/2. Filter pass band is
from 0.525 to 0.725 of fHB3.
110 = input signal modulated by 3fHB3/4. Filter pass band is
from 0.65 to 0.85 of fHB3.
111 = input signal modulated by 3F HB3/4. Filter pass band is
from 0.775 to 0.975 of fHB3.
0
Bypass HB3
Third stage interpolation filter bypass.
1
Chip ID
1F
7:0
Chip ID
Chip ID Readback
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com