Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 5Page - Analog Devices AD9148BBCZ Datasheet HTML 6Page - Analog Devices AD9148BBCZ Datasheet HTML 7Page - Analog Devices AD9148BBCZ Datasheet HTML 8Page - Analog Devices AD9148BBCZ Datasheet HTML 9Page - Analog Devices AD9148BBCZ Datasheet HTML 10Page - Analog Devices AD9148BBCZ Datasheet HTML 11Page - Analog Devices AD9148BBCZ Datasheet HTML 12Page - Analog Devices AD9148BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 9 of 73
Table 8. Thermal Resistance and Maximum Power
Package Type
PCB
Maximum
Power (W)
TA (°C)
PCB Layers
PCB Vias
External Heatsink1
Case
TJ (°C)
θJA (°C/W)
196-ball CSP_BGA
85
12
25
No
CSP_BGA
125
18.0
2.22
196-ball CSP_BGA
85
12
25
Yes
CSP_BGA
125
16.0
2.50
196-ball BGA_EP
85
12
25
No
BGA_EP
125
15.0
2.67
196-ball BGA_EP
85
12
25
Yes
BGA_EP
125
14.0
2.86
1 Heat sink is used in the thermal model: 13 mm × 13 mm, 15 mm tall.
Table 9. Power vs. fDAC Rate and Functionality
Maximum fDAC (MSPS)1
Coarse Modulation
Fine Modulation (NCO)
Maximum Power (W)
Package
Heat-Sink Combination2
PLL Off
PLL On
PLL Off
PLL On
2.22
CSP_BGA
No
820
740
695
630
2.50
CSP_BGA
Yes
950
875
810
740
2.67
BGA_EP
No
1000
945
870
810
2.86
BGA_EP
Yes
1000
1000
940
870
1 Typical maximum fDAC rate with inverse sinc filter off.
2 Heat sink is used in the thermal model: 13 mm × 13 mm, 15 mm tall.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com