Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 45Page - Analog Devices AD9148BBCZ Datasheet HTML 46Page - Analog Devices AD9148BBCZ Datasheet HTML 47Page - Analog Devices AD9148BBCZ Datasheet HTML 48Page - Analog Devices AD9148BBCZ Datasheet HTML 49Page - Analog Devices AD9148BBCZ Datasheet HTML 50Page - Analog Devices AD9148BBCZ Datasheet HTML 51Page - Analog Devices AD9148BBCZ Datasheet HTML 52Page - Analog Devices AD9148BBCZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 49 of 73
INTERFACE TIMING
The timing diagram for the digital interface port is shown in
Figure 58. The sampling point of the data bus nominally occurs
TBD ps after each edge of the DCI signal and has an uncertainty of
± TBD ps, as illustrated by the sampling interval. The data and
FRAME signals must be valid throughout this sampling interval.
The data and FRAME signals may change at any time between
sampling intervals.
The setup (tS) and hold (tH) times with respect to the edges are
shown in Figure 58. The minimum setup and hold times are
shown in Table 15.
Table 15. Data Port Setup and Hold Times
DCI Delay
(Register 0x72[1:0])
Minimum Setup
Time, tS (ns)
Minimum Hold
Time, tH (ns)
00
TBD
TBD
01
TBD
TBD
10
TBD
TBD
11
TBD
TBD
The data interface timing can be verified by using the SED
circuitry. See the Interface Timing Validation section for details.
In data rate mode with synchronization enabled, a second timing
constraint between DCI and DACCLK must be met in addition
to the DCI-to-data timing shown in Table 16. In data rate mode,
only one FIFO slot is being used. The DCI to DACCLK timing
restriction is required to prevent data being written to and read
from the FIFO slot at the same time. The required timing
between DCI and DACCLK is shown in Figure 57.
DCI
DACCLK/
REFCLK
tDATA
tSDCI
tHDCI
SAMPLING
INTERVAL
Figure 57. Timing Diagram for Input Data Port (Data Rate Mode with Sync On)
Table 16. DCI to DACCLK Setup and Hold Times vs. DCI
Delay Value
DCI Delay
(Register 0x72[1:0])
Minimum Setup
Time, tSDCI (ns)
Minimum Hold
Time, tHDCI (ns)
00
TBD
TBD
01
TBD
TBD
10
TBD
TBD
11
TBD
TBD
tDATA
tS
tH
SAMPLING
INTERVAL
SAMPLING
INTERVAL
Figure 58. Timing Diagram for Input Data Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com