Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 69 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 65Page - Analog Devices AD9148BBCZ Datasheet HTML 66Page - Analog Devices AD9148BBCZ Datasheet HTML 67Page - Analog Devices AD9148BBCZ Datasheet HTML 68Page - Analog Devices AD9148BBCZ Datasheet HTML 69Page - Analog Devices AD9148BBCZ Datasheet HTML 70Page - Analog Devices AD9148BBCZ Datasheet HTML 71Page - Analog Devices AD9148BBCZ Datasheet HTML 72Page - Analog Devices AD9148BBCZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 69 of 73
A total of 79 pins can be accessed thru the boundary scan
register. They are as follows:
•
A[15:0]_P, A[15:0]_N, B[15:0]_P, B[15:0]_N
•
DCIA_P, DCIA_N, DCIB_P, DCIB_N,
•
FRAMEA_P, FRAMEA_N, FRAMEB_P, FRAMEB_N
•
RESETE
•
CSB, SCLK, SDIO, SDO
•
IRQ
•
PLL_LOCK
Figure 91 shows the basic connection between the device pins
and the boundary scan chain. The boundary scan allows
connectivity checks of the device pins but does not allow for
stimulating or querying the device core.
When loading and unloading the AD9148 scan chain, note that:
•
When unloading the scan chain, if DCIA or FRAMEA are
set on the pins, there is two bits set for each (Bit 42 and
Bit 44 for DCIA and Bit 41 and Bit 43 for FRAMEA). If
DCIB or FRAMEB are set on the pins, there is one bit set
for each (Bit 42 for DCIB and Bit 41 for FRAMEB).
•
If the scan chain is used to load the output pins (IRQ, SDO,
or PLL_LOCK), two bits are set when each output pin is
read back. The two bits include the output pin of interest
and the bit that is two locations lower on the scan chain
(for example, to read back IRQ both Bit 4 and Bit 2 are set).
•
The SDIOEN signal cannot be read back. Also, when read
back begins, the values of the RESETE, CSB, SCLK, and
SDIO input pins are resampled. If the inputs have changed
value since the sampling with the TAP PRELOAD command,
this affects the read back results. The order of the scan
chain readback is: SDOENA, SDO, PLL_LOCK, IRQ,
SDI_preload, SDIO_current, SCLK_current, CSB_current,
RESETE_current, PortB data, PortA data, DCIs, and
FRAMES.
CHIP CORE
INPUT
BSR
INPUT
PAD
OUTPUT
PAD
OUTPUT BSR
SERIAL IN (TDI)
(SCAN IN)
SCAN OUT
(SCAN OUT)
SERIAL OUT (TDO)
UPDT_OUT
Figure 91. Basic Connections Between Device Pins and the Boundary Scan Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com