Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 26Page - Analog Devices AD9148BBCZ Datasheet HTML 27Page - Analog Devices AD9148BBCZ Datasheet HTML 28Page - Analog Devices AD9148BBCZ Datasheet HTML 29Page - Analog Devices AD9148BBCZ Datasheet HTML 30Page - Analog Devices AD9148BBCZ Datasheet HTML 31Page - Analog Devices AD9148BBCZ Datasheet HTML 32Page - Analog Devices AD9148BBCZ Datasheet HTML 33Page - Analog Devices AD9148BBCZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 30 of 73
Register Name
Addr
(Hex)
Bit
Name
Function
Default
FIFO Status Port A
18
7:0
FIFO Level
Thermometer encoded measure of the FIFO level.
Read-
only
FIFO status/
Control Port B
7
FIFO Warning 1
FIFO read and write pointers within ±1.
Read-
only
6
FIFO Warning 2
FIFO read and write pointers within ±2.
Read-
only
5
FIFO reset aligned
FIFO read and write pointers aligned after chip reset.
Read-
only
4
FIFO SPI align
acknowledge
FIFO read and write pointers aligned after SPI driven FIFO
reset.
Read-
only
3
FIFO SPI align
requesting
Request FIFO read and write pointers alignment via SPI.
0
2:0
FIFO phase offset
FIFO read and write pointer phase offset from optimal
phase following FIFO reset.
000
000 = 0 offset from optimal phase.
…
111 = 7 offset from optimal phase.
The optimal value is 0.
FIFO Status Port B
1A
7:0
FIFO level
Thermometer encoded measure of the FIFO Level
Read-
only
HB1 Control
1C
7
Enable pre mod
Enable fS/2 modulation stage that precedes Stage 1
interpolation filter.
0
6
Bypass sinc-1
Sinc-1 filter bypass.
1
2:1
HB1[1:0]
Modulation mode for first stage interpolation filter
(fHB1 = 2 × fIN1).
00
00 = input signal modulated by dc. Filter pass band is
from −0.2 to +0.2 of fHB1.
01 = input signal modulated by dc. Filter pass band is
from 0.05 to 0.45 of fHB1.
10 = input signal modulated by fHB1/2. Filter pass band is
from 0.3 to 0.7 of fHB1.
11 = input signal modulated by fHB1/2. Filter pass band is
from 0.55 to 0.95 of fHB1.
0
Bypass HB1
First stage interpolation filter bypass.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com