Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 62Page - Analog Devices AD9148BBCZ Datasheet HTML 63Page - Analog Devices AD9148BBCZ Datasheet HTML 64Page - Analog Devices AD9148BBCZ Datasheet HTML 65Page - Analog Devices AD9148BBCZ Datasheet HTML 66Page - Analog Devices AD9148BBCZ Datasheet HTML 67Page - Analog Devices AD9148BBCZ Datasheet HTML 68Page - Analog Devices AD9148BBCZ Datasheet HTML 69Page - Analog Devices AD9148BBCZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 66 of 73
INTERRUPT REQUEST OPERATION
The AD9148 provides an interrupt request output signal (Pin H4,
A
IRQE
A
) that can be used to notify an external host processor of
significant device events. Upon assertion of the interrupt, the
device should be queried to determine the precise event that
occurred. The
A
IRQE
A
pin is an open-drain, active low output. Pull
the
A
IRQE
A
pin high external to the device. This pin may be tied to
the interrupt pins of other devices with open-drain outputs to
wired-OR these pins together.
Ten different event flags provide visibility into the device. These
10 flags are located in the two event flag registers (Register 0x06
and Register 0x07). The behavior of each of the event flags is
independently selected in the interrupt enable registers
(Register 0x04 and Register 0x05). When the flag interrupt
enable is active, the event flag latches and triggers an external
interrupt. When the flag interrupt is disabled, the event flag
simply monitors the source signal and the external
A
IRQE
A
remains
inactive.
Figure 88 shows the
A
IRQE
A
-related circuitry. Figure 88 shows how the
event flag signals propagate to the
A
IRQE
A
output. The interupt_enable
signal represents one bit from the interrupt enable register. The
event_flag signal represents one bit from the event flag register.
The event_flag_source signal represents one of the device signals
that can be monitored such as the PLL_locked signal from the
PLL phase detector or the FIFO Warning 1 signal from the
FIFO controller.
When an interrupt enable bit is set high, the corresponding
event flag bit reflects a positively tripped (that is, latched on the
rising edge of the event_source) version of the event_flag_source
signal. This signal also asserts the external
A
IRQE
A
. When an
interrupt enable bit is set low, the event flag bit reflects the
current status of the event_flag_source signal, and the event flag
has no effect on the external
A
IRQE
A
.
The latched version of an event flag (the interupt_source signal)
can be cleared in two ways. The recommended way is by writing 1
to the corresponding event flag bit. A hardware or software reset
also clears the interupt_source.
INTERRUPT SERVICE ROUTINE
Interrupt request management starts by selecting the set of event
flags that require host intervention or monitoring. Those events
that require host action should be enabled so that the host is
notified when they occur. For events requiring host intervention,
upon
A
IRQE
A
activation, run the following routine to clear an
interrupt request:
•
Read the status of the event flag bits that are being
monitored.
•
Set the interupt enable bit low so that the unlatched
event_flag_source can be monitored directly.
•
Perform any actions that may be required to quiet the
event_source_flag. In many cases, no specific actions may
be required.
•
Read the event flag to verify the actions taken have quieted
the event_flag_source.
•
Clear the interrupt by writing 1 to the event flag bit.
•
Set the interrupt enable bits of the events to be monitored.
Noted that some of the event_flag_source signals are latched
signals. These are cleared by writing to the corresponding event
flag bit. Details of each of the event flags can be found in Table 12.
INTERRUPT_ENABLE
EVENT_FLAG_SOURCE
DEVICE_RESET
EVENT_FLAG
INTERRUPT
SOURCE
1
0
OTHER
INTERRUPT
SOURCES
IRQ
WRITE_1_TO_EVENT_FLAG
Figure 88. Simplified Schematic of
A
IRQE
A
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com