Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9148BBCZ Datasheet HTML 1Page - Analog Devices AD9148BBCZ Datasheet HTML 2Page - Analog Devices AD9148BBCZ Datasheet HTML 3Page - Analog Devices AD9148BBCZ Datasheet HTML 4Page - Analog Devices AD9148BBCZ Datasheet HTML 5Page - Analog Devices AD9148BBCZ Datasheet HTML 6Page - Analog Devices AD9148BBCZ Datasheet HTML 7Page - Analog Devices AD9148BBCZ Datasheet HTML 8Page - Analog Devices AD9148BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 5 of 73
INPUT/OUTPUT SIGNAL SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, IOVDD = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V, IOUTFS = 20 mA, maximum sample rate, unless
otherwise noted. LVDS driver and receiver are compliant to the IEEE-1596 reduced range link, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL (SCLK, SDIO, CSB, RESETE, TMS, TDI, TCK)
Input VIN Logic High (IOVDD = 1.8 V)
1.2
V
Input VIN Logic High (IOVDD = 3.3 V)
2.0
V
Input VIN Logic Low (IOVDD = 1.8 V)
0.6
V
Input VIN Logic Low (IOVDD = 3.3 V)
0.8
V
CMOS OUTPUT LOGIC LEVEL (SDIO, SDO, IRQE, PLL_LOCK, TDO)
Output VOUT Logic High (IOVDD = 1.8 V)
1.4
V
Output VOUT Logic High (IOVDD = 3.3 V)
2.4
V
Output VOUT Logic Low (IOVDD = 1.8 V)
0.4
V
Output VOUT Logic Low (IOVDD = 3.3 V)
0.4
V
LVDS RECEIVER INPUTS (A[15:0]_x, B[15:0]_x, DCIA_x, DCIB_x, FRAMEA_x, FRAMEB_x)
Input Voltage Range, VIA or VIB
825
1575
mV
Input Differential Threshold, VIDTH
−100
+100
mV
Input Differential Hysteresis, VIDTHH to VIDTHL
20
mV
Receiver Differential Input Impedance, RIN
80
120
Ω
LVDS Input Rate, fINTERFACE (See Table 4)
1200
MSPS
DAC CLOCK INPUT (CLK_P, CLK_N)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage (Self-Biasing, AC-Coupled)
1.25
V
Maximum Clock Rate
1000
MSPS
REFERENCE CLOCK INPUT (REFCLK_P/SYNC_P AND REFCLK_N/SYNC_N)
Differential Peak-to-Peak Voltage
100
500
2000
mV
Common-Mode Voltage (Self-Biasing, AC-Coupled)
1.25
V
Maximum Clock Rate
500
MSPS
Minimum Clock Rate (PLL Enabled)
Loop Divider = /2
125
MSPS
Loop Divider = /4
62.5
MSPS
Loop Divider = /8
31.25
MSPS
Loop Divider = /16
15.625
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
40
MHz
Minimum Pulse Width High (tPWH)
12.5
ns
Minimum Pulse Width Low (tPWL)
12.5
ns
Set-Up Time, SDI to SCLK (tDS)
1.9
ns
Hold Time, SDI to SCLK (tDH)
0.2
ns
Data Valid, SDO to SCLK (tDV)
23
ns
Setup time, CSB to SCLK (tDCSB)
1.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com