Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 48Page - Analog Devices AD9148BBCZ Datasheet HTML 49Page - Analog Devices AD9148BBCZ Datasheet HTML 50Page - Analog Devices AD9148BBCZ Datasheet HTML 51Page - Analog Devices AD9148BBCZ Datasheet HTML 52Page - Analog Devices AD9148BBCZ Datasheet HTML 53Page - Analog Devices AD9148BBCZ Datasheet HTML 54Page - Analog Devices AD9148BBCZ Datasheet HTML 55Page - Analog Devices AD9148BBCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
AD9148
Preliminary Technical Data
Rev. PrA | Page 52 of 73
Half-Band Filter 1 (HB1)
HB1 has four modes of operation, as shown in Figure 63. The
shape of the filter response is identical in each of the four modes.
The four modes are distinguished by two factors, the filter center
frequency and whether or not the input signal is modulated by
the filter.
0
–20
–40
–60
–80
–100
02.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
(×
fIN1)
MODE 0
MODE 1
MODE 3
MODE 2
Figure 63. HB1 Filter Modes
As is shown in Figure 63, the center frequency in each mode is
offset by ½ of the input data rate (fIN1) of the filter. Mode 0 and
Mode 1 do not modulate the input signal. Mode 2 and Mode 3
modulate the input signal by fIN1. When operating in Mode 0
and Mode 2, the I and Q paths operate independently and no
mixing of the data between channels occurs. When operating
in Mode 1 and Mode 3, mixing of the data between the I and Q
paths occurs; therefore, the data input into the filter is assumed
complex. Table 18 summarizes the HB1 modes.
Table 18. 2× Interpolation Filter Modes (Register 0x1C to
Register 0x1E)
Interpolation
Factor
Filter Modes
fCENTER
(fDAC)
Pre Mod
HB1
HB2
HB3
2
0
0
Off
Off
0
2
1
1
Off
Off
fDAC/4
2
0
2
Off
Off
fDAC/2
2
1
3
Off
Off
−fDAC/4
Figure 64 shows the pass-band filter response for HB1. In most
applications, the usable bandwidth of the filter is limited by the
image suppression provided by the stop-band rejection and not
by the pass-band flatness. Table 19 shows the pass-band flatness
and stop-band rejection the HB1 filter supports at different
bandwidths.
0.02
–0.10
–0.08
–0.06
–0.04
–0.02
0
00.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
(×
fIN1)
Figure 64. Pass-Band Detail of HB1
Table 19. HB1 Pass-Band and Stop-Band Performance by
Bandwidth
Bandwidth (% of fIN1)
Pass-Band
Flatness (dB)
Stop-Band
Rejection (dB)
80
0.001
85
80.4
0.0012
80
81.2
0.0033
70
82.0
0.0076
60
83.6
0.0271
50
85.6
0.1096
40
Half-Band Filter 2 (HB2)
HB2 has eight modes of operation, as shown in Figure 65 and
Figure 66. The shape of the filter response is identical in each of
the eight modes. The eight modes are distinguished by two factors,
the filter center frequency and whether the input signal is
modulated by the filter.
0
–20
–40
–60
–80
–100
02.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
(×
fIN2)
MODE 0
MODE 2
MODE 6
MODE 4
Figure 65. HB2, Even Filter Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com