Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9148BBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9148BBCZ
Description  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9148BBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9148BBCZ Datasheet HTML 21Page - Analog Devices AD9148BBCZ Datasheet HTML 22Page - Analog Devices AD9148BBCZ Datasheet HTML 23Page - Analog Devices AD9148BBCZ Datasheet HTML 24Page - Analog Devices AD9148BBCZ Datasheet HTML 25Page - Analog Devices AD9148BBCZ Datasheet HTML 26Page - Analog Devices AD9148BBCZ Datasheet HTML 27Page - Analog Devices AD9148BBCZ Datasheet HTML 28Page - Analog Devices AD9148BBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 25 of 73
Addr
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x54
FTW (LSB)
FTW[7:0]
0x00
0x55
FTW
FTW [15:8]
0x00
0x56
FTW
FTW[23:16]
0x00
0x57
FTW (MSB)
FTW[31:24]
0x00
0x58
Phase offset
(MSB)
NCO Phase Offset[15:8]
0x00
0x59
Phase offset
(LSB)
NCO Phase Offset[7:0]
0x00
0x5A
DDS/mod
control
Bypass
DDS/MOD
Frame NCO
reset ack
Frame NCO
reset request
FTW
update ack
FTW
update
request
Sideband
select
0x80
0x5C
Die Temp
Control 0
Latch
temp
data
Temp
Sensor
power
down
0x01
0x5D
Die Temp
Control 1
0
0
0
0
1
0
1
0
0x20
0x5E
Die temp LSB
Die Temp[7:0]
0x5F
Die temp MSB
Die Temp[15:8]
0x72
DCI delay
DCI Delay[1:0]
0x00
0x79
PLL Ctrl (Test)
1
1
1
1
1
1
1
1
0x40
1 Register 0x20 to Register 0x3F and Register 0x41 to Register 0x51 configure DAC 1 (I) and DAC 2 (Q) data paths with DAC SPI select = 0 (Register 0x00[4]). Register 0x20
to Register 0x3F and Register 0x41 to Register 0x51 configure DAC 3 (I) and DAC 4 (Q) data paths with DAC SPI select = 1 (Register 0x00[4]).
SPI REGISTER DESCRIPTIONS
Table 13. Register Descriptions
Register Name
Addr
(Hex)
Bit
Name
Function
Default
Comm
00
7
SDIO
SDIO operation.
0
0 = SDIO operates as an input only.
1 = SDIO operates as bidirectional input/output.
6
LSB/MSB first
SPI communication LSB first (default is MSB first).
0
0 = MSB first.
1 = LSB first.
5
Software Reset
Software reset.
0
Reset is asserted when this bit transitions from 0 to 1.
4
DAC SPI select
Selects which DAC data path Register 0x20 to Register 0x3F and
Register 0x41 to Register 0x51 configure.
0
0 = DAC 1 (I path) and DAC 2 (Q path) are configured.
0
1 = DAC 3 (I path) and DAC 4 (Q path) are configured.
Power Control
01
7
Power-Down
DAC Set 1
Power down DAC 1 and power down DAC 2.
0
6
Power-Down
DAC Set 2
Power-down DAC 3 and power down DAC 4.
0
5
Power-down
data receiver
Power down the input data receiver.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com